Electronic Components Datasheet Search
  English  ▼

X  

BQ2018TS Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2018TS
Description  Power Minder IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018TS Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2018TS Datasheet HTML 5Page - Texas Instruments BQ2018TS Datasheet HTML 6Page - Texas Instruments BQ2018TS Datasheet HTML 7Page - Texas Instruments BQ2018TS Datasheet HTML 8Page - Texas Instruments BQ2018TS Datasheet HTML 9Page - Texas Instruments BQ2018TS Datasheet HTML 10Page - Texas Instruments BQ2018TS Datasheet HTML 11Page - Texas Instruments BQ2018TS Datasheet HTML 12Page - Texas Instruments BQ2018TS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
of the discharge, and are incremented whenever VSR1 <
VSR2. These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the DCRH and DCRL to zero.
Charge Count Registers (CCRH/CCRL)
The CCRH high-byte register (address = 7dh) and the
CCRL low-byte register (address = 7ch) contain the count
of the charge, and are incremented whenever VSR1 >
VSR2. These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the CCRH and CCRL to zero.
Self-discharge Count Registers
(SCRH/SCRL)
The SCRH high-byte register (address = 7bh) and the
SCRL low-byte register (address = 7ah) contain the self-
discharge count.
This register is continually updated
whenever the bq2018 is in its normal operating mode.
The counts in these registers are incremented based on
time and temperature. The SCR counts at a rate of 1
count per hour at 20–30°C and doubles every 10°C to
greater than 60°C (16 counts/hour). The count will half
every 10°C below 20–30°C to less than 0°C (1 count/8
hours). These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the SCRH and SCRL to zero.
Discharge Time Count Registers
(DTCH/DTCL)
The DTCH high-byte register (address = 79h) and the
DTCL low-byte register (address = 78h) are used to deter-
mine the length of time the VSR1 <VSR2 indicating a dis-
charge. The counts in these registers are incremented at
a rate of 4096 counts per hour. If the DTCH/DTCL regis-
ter continues to count beyond ffffh, the STD bit is set in
the MODE/WOE register indicating a rollover. Once set,
DTCH and DTCL increment at a rate of 16 counts per
hour. Note: If a second rollover occurs, STD is
cleared. Access to the bq2018 should be timed to
clear DTCH/DTCL more often than every 170 days.
The TMP/CLR register is used to force the reset of both
the DTCH and DTCL to zero.
Charge Time Count Registers (CTCH/CTCL)
The CTCH high-byte register (address = 77h) and the
CTCL low-byte register (address = 76h) are used to deter-
mine the length of time the VSR1 >VSR2 indicating a
charge. The counts in these registers are incremented at
a rate of 4096 counts per hour. If the CTCH/CTCL regis-
ters continue to count beyond ffffh, the STC bit is set in
the MODE/WOE register indicating a rollover. Once set,
DTCH and DTCL increment at a rate of 16 counts per
hour.
Note: If a second rollover occurs, STC is
cleared. Access to the bq2018 should be timed to
clear CTCH/CTCL more often than every 170 days.
The TMP/CLR register is used to force the reset of both
the CTCH and CTCL to zero.
Mode/Wake-up Enable Register
The Mode/WOE register (address = 75h) contains the
calibration, wakeup enable information, and the STC and
STD bits as described below.
The Override DQ(OVRDQ) bit (bit 7) is used to override
the requirement for HDQ to be low prior to initiating VOS
calibration. This bit is normally set to zero. If OVRDQ is
written to one, the bq2018 begins offset calibration when
|VSR|<VWOE where HDQ = Don’t care.
The OVRDQ location is
MODE/WOE Bits
76
5
4
3
2
1
0
OVRDQ
-
-
-
-
-
-
-
Where OVRDQ is
0
HDQ = 0 and |VSR|<VWOE for VOS calibra-
tion to begin
1
HDQ = Don’t care and |VSR|<VWOE for VOS
calibration to begin
Note: The OVRDQ bit should only be used in con-
junction with a calibration cycle. Normal opera-
tion of the bq2018 cannot be guaranteed when
this bit is set. After a valid calibration cycle, bit 7
is reset to zero.
The calibration (CAL) bit 6 is used to enable the bq2018
offset calibration test. Setting this bit to 1 enables a VOS
calibration whenever HDQ is low (default), and |VSRO|<
VWOE. This bit is cleared to 0 by the bq2018 whenever a
valid VOS calibration is completed, and the OFR register
is updated with the new calculated offset. The bit re-
mains 1 if the offset calibration was not completed.
The CAL location is
MODE/WOE Bits
76
5
4
3
2
1
0
-CAL
-
-
-
-
-
-
Where CAL is
0
Valid offset calibration
1
Offset calibration pending
bq2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com