Electronic Components Datasheet Search
  English  ▼

X  

BQ2018TS Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2018TS
Description  Power Minder IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018TS Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2018TS Datasheet HTML 7Page - Texas Instruments BQ2018TS Datasheet HTML 8Page - Texas Instruments BQ2018TS Datasheet HTML 9Page - Texas Instruments BQ2018TS Datasheet HTML 10Page - Texas Instruments BQ2018TS Datasheet HTML 11Page - Texas Instruments BQ2018TS Datasheet HTML 12Page - Texas Instruments BQ2018TS Datasheet HTML 13Page - Texas Instruments BQ2018TS Datasheet HTML 14Page - Texas Instruments BQ2018TS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
The Clear bit locations are
TMP/CLR Bits
76
5
4
3
2
1
0
-
-
-
CTC
DTC
SCR
CCR
DCR
Where:
CTC bit (bit 4) resets both the CTCH and CTCL registers
and the STC bit to 0.
The DTC bit (bit 3) resets both the DTCH and DTCL
registers and the STD bit to 0.
The SCR bit (bit 2) resets both the SCRH and SCRL reg-
isters to 0.
The CCR bit (bit 1) resets both the CCRH and CCRL
registers to 0.
The DCR bit (bit 0) resets both the DCRH and DCRL
registers to 0.
Offset Register (OFR)
The OFR register (address = 73h) is used to store the cal-
culated VOS of the bq2018. The OFR value can be used to
cancel the voltage offset between VSR1 and VSR2. The
up/down offset counter is centered at zero. The actual off-
set is an 8-bit two’s complement value located in OFR.
The OFR locations are
OFR Bits
7
6
54
32
1
0
OFR7 OFR6 OFR5 OFR4 OFR3 OFR2 OFR1 OFR0
Where OFR7 is
1
Discharge
0
Charge
bq2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com