Electronic Components Datasheet Search
  English  ▼

X  

CDC582 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC582
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC582 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC582 Datasheet HTML 2Page - Texas Instruments CDC582 Datasheet HTML 3Page - Texas Instruments CDC582 Datasheet HTML 4Page - Texas Instruments CDC582 Datasheet HTML 5Page - Texas Instruments CDC582 Datasheet HTML 6Page - Texas Instruments CDC582 Datasheet HTML 7Page - Texas Instruments CDC582 Datasheet HTML 8Page - Texas Instruments CDC582 Datasheet HTML 9Page - Texas Instruments CDC582 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CDC582
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH DIFFERENTIAL LVPECL CLOCK INPUTS
SCAS446B – JULY 1994 – REVISED FEBRUARY 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High level input voltage
CLKIN, CLKIN
VCC –1.025
V
VIH
High-level input voltage
Other inputs
2
V
VIL
Low level input voltage
CLKIN, CLKIN
VCC –1.62
V
VIL
Low-level input voltage
Other inputs
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
VOH
VCC = MIN to MAX†,
IOH = – 100 µA
VCC – 0.2
V
VOH
VCC = 3 V,
IOH = – 32 mA
2
V
VOL
VCC =3V
IOL = 100 µA
0.2
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
II
VCC = 0 or MAX†,
VI = 3.6 V
±10
µA
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
ICC
VCC = 3.6 V,
IO = 0,
Outputs high
5
mA
ICC
CC
,
O
,
VI = VCC or GND
Outputs low
5
mA
Ci
VI = 3 V or 0
4
pF
Co
VO = 3 V or 0
8
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com