Electronic Components Datasheet Search
  English  ▼

X  

CDC582 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC582
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC582 Datasheet(HTML) 1 Page - Texas Instruments

  CDC582 Datasheet HTML 1Page - Texas Instruments CDC582 Datasheet HTML 2Page - Texas Instruments CDC582 Datasheet HTML 3Page - Texas Instruments CDC582 Datasheet HTML 4Page - Texas Instruments CDC582 Datasheet HTML 5Page - Texas Instruments CDC582 Datasheet HTML 6Page - Texas Instruments CDC582 Datasheet HTML 7Page - Texas Instruments CDC582 Datasheet HTML 8Page - Texas Instruments CDC582 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC582
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH DIFFERENTIAL LVPECL CLOCK INPUTS
SCAS446B – JULY 1994 – REVISED FEBRUARY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D Operates at 3.3-V VCC
D Distributes Differential LVPECL Clock
Inputs to 12 TTL-Compatible Outputs
D Two Select Inputs Configure Up to Nine
Outputs to Operate at One-Half or Double
the Input Frequency
D No External RC Network Required
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D External Feedback Input (FBIN) Is Used to
Synchronize the Outputs With the Clock
Inputs
D Application for Synchronous DRAMs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D Packaged in 52-Pin Quad Flatpack
PAH PACKAGE
(TOP VIEW)
15 16
VCC
4Y3
GND
VCC
4Y2
GND
VCC
4Y1
GND
GND
VCC
3Y3
GND
39
38
37
36
35
34
33
32
31
30
29
28
27
17
1
2
3
4
5
6
7
8
9
10
11
12
13
GND
1Y1
VCC
GND
1Y2
VCC
GND
1Y3
VCC
GND
GND
2Y1
VCC
18 19 20 21
51 50 49 48 47
52
46
44 43 42
45
22 23 24 25 26
41 40
14
description
The CDC582 is a high-performance, low-skew, low-jitter clock driver. It uses a phase-lock loop (PLL) to precisely
align the frequency and phase of the clock output signals to the differential LVPECL clock (CLKIN, CLKIN) input
signals. It is specifically designed to operate at speeds from 50 MHz to 100 MHz or down to 25 MHz on outputs
configured as half-frequency outputs. The CDC582 operates at 3.3-V VCC.
The feedback input (FBIN) synchronizes the frequency of the output clocks with the input clock
(CLKIN, CLKIN) signals. One of the twelve output clocks must be fed back to FBIN for the PLL to maintain
synchronization between the differential CLKIN and CLKIN inputs and the outputs. The output used as feedback
is synchronized to the same frequency as the clock (CLKIN and CLKIN) inputs.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CDC582

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC582 TI1-CDC582 Datasheet
150Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC582PAHG4 TI1-CDC582PAHG4 Datasheet
150Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC582 TI1-CDC582_09 Datasheet
150Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC582

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2582 TI-CDC2582 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
3.3-V Clock Phase-Lock Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com