Electronic Components Datasheet Search
  English  ▼

X  

PCI2250 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 73Page - Texas Instruments PCI2250 Datasheet HTML 74Page - Texas Instruments PCI2250 Datasheet HTML 75Page - Texas Instruments PCI2250 Datasheet HTML 76Page - Texas Instruments PCI2250 Datasheet HTML 77Page - Texas Instruments PCI2250 Datasheet HTML 78Page - Texas Instruments PCI2250 Datasheet HTML 79Page - Texas Instruments PCI2250 Datasheet HTML 80Page - Texas Instruments PCI2250 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
6–3
6.4
Electrical Characteristics Over Recommended Operating Conditions
PARAMETER
TERMINALS
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
V
†
High le el o tp t oltage
3.3 V
IOH = –0.5 mA
0.9 VCC
V
VOH† High-level output voltage
5 V
IOH = –2 mA
2.4
V
V
Low level output voltage
3.3 V
IOL = 1.5 mA
0.1 VCC
V
VOL
Low-level output voltage
5 V
IOL = 6 mA
0.55
V
Input terminals
TTL§
VI = VCC
1
IIH‡
High-level input current
Input terminals
PCI
VI = VCCP
10
µA
IIH‡
High level in ut current
I/O terminals¶
VV
10
µA
I/O terminals¶
VI = VCCP
10
Input terminals
TTL§
–1
IIL‡
Low-level input current
Input terminals
PCI
VI = GND
–1
µA
IIL‡
Low level in ut current
I/O terminals¶
VI GND
–10
µA
IOZ
High-impedance output current
VO = VCCP or GND
±10
µA
† VOH is not tested on PSERR due to open-drain configuration.
‡ IIH and IIL are not tested on NO_HSLED dur to its active ourput-only configuration.
§ TTL terminals are 55, 69, 132, 174 for PGF-packaged device; and 49, 63, 120, 159 for PCM-packaged device.
¶ For I/O terminals, the input leakage current includes the off-state output current IOZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com