Electronic Components Datasheet Search
  English  ▼

X  

PCI2250 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2250
Description  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 23Page - Texas Instruments PCI2250 Datasheet HTML 24Page - Texas Instruments PCI2250 Datasheet HTML 25Page - Texas Instruments PCI2250 Datasheet HTML 26Page - Texas Instruments PCI2250 Datasheet HTML 27Page - Texas Instruments PCI2250 Datasheet HTML 28Page - Texas Instruments PCI2250 Datasheet HTML 29Page - Texas Instruments PCI2250 Datasheet HTML 30Page - Texas Instruments PCI2250 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
3–3
The bridge claims only type 0 configuration cycles when its P_IDSEL terminal is asserted during the address phase
of the cycle and the PCI function number encoded in the cycle is 0. If the function number is 1 or greater, the bridge
does not recognize the configuration command. In this case, the bridge does not assert DEVSEL and the
configuration transaction results in a master abort. The bridge services valid type 0 configuration read or write cycles
by accessing internal registers from the configuration header.
Because type 1 configuration cycles are issued to devices on subordinate buses, the bridge claims type 1 cycles
based on the bus number of the destination bus. Figure 3–3 shows the P_AD bus encoding during the address phase
of a type 1 cycle. The device number and bus number fields define the destination bus and device for the cycle.
Reserved
Register
Number
31
Function
Number
11 10
7
8
00
10
2
24
Bus Number
23
16
Device
Number
15
Figure 3–3. PCI AD31–AD0 During Address Phase of a Type 1 Configuration Cycle
Several bridge configuration registers shown in Table 4–1 are significant when decoding and claiming type 1
configuration cycles. The destination bus number encoded on the P_AD bus is compared to the values programmed
in the bridge configuration registers 18h, 19h, and 1Ah, which are the primary bus number, secondary bus number,
and subordinate bus number registers, respectively. These registers default to 00h and are programmed by host
software to reflect the bus hierarchy in the system (see Figure 3–4 for an example of a system bus hierarchy and how
the PCI2250 bus number registers would be programmed in this case).
When the PCI2250 claims a type 1 configuration cycle that has a bus number equal to its secondary bus number,
the PCI2250 converts the type 1 configuration cycle to a type 0 configuration cycle and asserts the proper S_AD line
as the IDSEL (see Table 3–2). All other type 1 transactions that access a bus number greater than the bridge
secondary bus number but less than or equal to its subordinate bus number are forwarded as type 1 configuration
cycles.
Table 3–2. PCI S_AD31–S_AD16 During Address Phase of a Type 0 Configuration Cycle
DEVICE
NUMBER
SECONDARY IDSEL
S_AD31–S_AD16
S_AD
ASSERTED
0h
0000 0000 0000 0001
16
1h
0000 0000 0000 0010
17
2h
0000 0000 0000 0100
18
3h
0000 0000 0000 1000
19
4h
0000 0000 0001 0000
20
5h
0000 0000 0010 0000
21
6h
0000 0000 0100 0000
22
7h
0000 0000 1000 0000
23
8h
0000 0001 0000 0000
24
9h
0000 0010 0000 0000
25
Ah
0000 0100 0000 0000
26
Bh
0000 1000 0000 0000
27
Ch
0001 0000 0000 0000
28
Dh
0010 0000 0000 0000
29
Eh
0100 0000 0000 0000
30
Fh
1000 0000 0000 0000
31
10h–1Eh
0000 0000 0000 0000
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com