| Electronic Components Datasheet Search |
|
PCI2250 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCI2250 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 85 page ![]() 3–5 PCI2250 PCI Device S_CLKOUT3 PCI Device PCI Device PCI Device S_CLKOUT2 S_CLKOUT1 S_CLKOUT0 S_CLKOUT4 S_CLK Figure 3–5. Secondary Clock Block Diagram 3.6 Bus Arbitration The PCI2250 implements bus request (P_REQ) and bus grant (P_GNT) terminals for primary bus arbitration. Four secondary bus requests and four secondary bus grants are provided on the secondary of the PCI2250. Five potential initiators, including the bridge, can be located on the secondary bus. The PCI2250 provides a two-tier arbitration scheme on the secondary bus for priority bus-master handling. The two-tier arbitration scheme improves performance in systems in which master devices do not all require the same bandwidth. Any master that requires frequent use of the bus can be programmed to be in the higher priority tier. 3.6.1 Primary Bus Arbitration The PCI2250, acting as an initiator on the primary bus, asserts P_REQ when forwarding transactions upstream to the primary bus. In the upstream direction, as long as a posted write data or a delayed transaction request is in the queue, the PCI2250 keeps P_REQ asserted. If a target disconnect, a target retry, or a target abort is received in response to a transaction initiated on the primary bus by the PCI2250, P_REQ is deasserted for two PCI clock cycles. When the primary bus arbiter asserts P_GNT in response to a P_REQ from the PCI2250, the device initiates a transaction on the primary bus during the next PCI clock cycle after the primary bus is sampled idle. When P_REQ is not asserted and the primary bus arbiter asserts P_GNT to the PCI2250, the device responds by parking the P_AD31–P_AD0 bus, the C/BE3–C/BE0 bus, and primary parity (P_PAR) by driving them to valid logic levels. If the PCI2250 is parking the primary bus and wants to initiate a transaction on the bus, then it can start the transaction on the next PCI clock by asserting the primary cycle frame (P_FRAME) while P_GNT is still asserted. If P_GNT is deasserted, then the bridge must rearbitrate for the bus to initiate a transaction. 3.6.2 Internal Secondary Bus Arbitration S_CFN controls the state of the secondary internal arbiter. The internal arbiter can be enabled by pulling S_CFN low or disabled by pulling S_CFN high. The PCI2250 provides four secondary bus request terminals and four secondary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |