Electronic Components Datasheet Search
  English  ▼

X  

HC1S40 Datasheet(PDF) 91 Page - Altera Corporation

Part # HC1S40
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S40 Datasheet(HTML) 91 Page - Altera Corporation

Back Button HC1S40 Datasheet HTML 87Page - Altera Corporation HC1S40 Datasheet HTML 88Page - Altera Corporation HC1S40 Datasheet HTML 89Page - Altera Corporation HC1S40 Datasheet HTML 90Page - Altera Corporation HC1S40 Datasheet HTML 91Page - Altera Corporation HC1S40 Datasheet HTML 92Page - Altera Corporation HC1S40 Datasheet HTML 93Page - Altera Corporation HC1S40 Datasheet HTML 94Page - Altera Corporation HC1S40 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
Altera Corporation
6–3
September 2008
Design Guidelines for HardCopy Stratix Performance Improvement
■
Do not use tri-state signals or bidirectional ports on hierarchical
boundaries. If you use tri-state boundaries in a lower-level block,
synthesis pushes the tri-state signals through the hierarchy to the
top-level. This takes advantage of the tri-state drivers on the output
pins of the Altera device. Since this requires optimizing through
hierarchies, lower-level boundary tri-state signals are not supported
with a block-level design methodology.
■
Limit clocks to one per block. Partitioning your design into clock
domains makes synthesis and timing analysis easier.
■
Place state machines in separate blocks to speed optimization and
provide greater encoding control.
■
Separate timing-critical functions from non-timing-critical functions.
■
Limit the critical timing path to one hierarchical block. Group the
logic from several design blocks to ensure the critical path resides in
one block.
These guidelines apply to all Altera device architectures including
HardCopy Stratix devices. Partitioning functional boundaries to have all
outputs immediately registered is crucial to using LogicLock regions
effectively in HardCopy devices. With registered outputs, you allow the
signals to leave a function block at the start of the clock period. This gives
the signals more set-up time to reach their endpoints in the clock period.
In large designs that are partitioned into multiple function blocks, the
block-to-block interconnects are often the limiting factor for fMAX
performance. Registered outputs give the Quartus II Fitter the optimal
place-and-route flexibility for interconnects between major function
blocks.
Physical Synthesis Optimization
All physical synthesis settings in the Quartus II software can be used in
the HARDCOPY_FPGA_PROTOTYPE design. These settings are found
in the Physical Synthesis Optimizations section of the Fitter Settings
dialog box (Assignments menu) and include the following settings:
■
Physical synthesis for combinational logic
■
Register duplication
■
Register retiming
These settings can improve FPGA performance while developing the
HARDCOPY_FPGA_PROTOTYPE. All modifications are passed along
into the HardCopy Stratix project when you run the HardCopy Timing
Optimization wizard. After running the HardCopy Timing Optimization
wizard and subsequently opening the HardCopy project in the Quartus II
software, these physical synthesis optimizations are disabled. No further
modifications to the netlist are made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com