Electronic Components Datasheet Search
  English  ▼

X  

HC1S40 Datasheet(PDF) 11 Page - Altera Corporation

Part # HC1S40
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S40 Datasheet(HTML) 11 Page - Altera Corporation

Back Button HC1S40 Datasheet HTML 7Page - Altera Corporation HC1S40 Datasheet HTML 8Page - Altera Corporation HC1S40 Datasheet HTML 9Page - Altera Corporation HC1S40 Datasheet HTML 10Page - Altera Corporation HC1S40 Datasheet HTML 11Page - Altera Corporation HC1S40 Datasheet HTML 12Page - Altera Corporation HC1S40 Datasheet HTML 13Page - Altera Corporation HC1S40 Datasheet HTML 14Page - Altera Corporation HC1S40 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
Altera Corporation
2–5
September 2008
Description, Architecture, and Features
Although memory resource implementation is equivalent, the number of
specific M-RAM blocks are not necessarily the same between
corresponding Stratix and HardCopy Stratix devices. Table 2–3 shows the
number of M-RAM blocks available in each device.
In HardCopy Stratix devices, it is not possible to preload RAM contents
using a MIF after powering up; the output registers of memory blocks
will have unknown values. This occurs because there is no configuration
process that is executed.
1
Violating the setup or hold time requirements on address
registers could corrupt the memory contents. This requirement
applies to both read and write operations.
Table 2–4 illustrates the differences between HardCopy Stratix and
Stratix memory.
Table 2–3. HardCopy Stratix and Stratix M-RAM Block Comparison
HardCopy Stratix
Stratix
Device
M-RAM Blocks
Device
M-RAM Blocks
HC1S25
2
EP1S25
2
HC1S30
2
EP1S30
4
HC1S40
2
EP1S40
4
HC1S60
6
EP1S60
6
HC1S830
6
EP1S830
9
Table 2–4. HardCopy Stratix and Stratix Memory Comparison
HardCopy Stratix
Stratix
HC1S30 and HC1S40 devices have
two M-RAM blocks. HC1S80 devices
have six M-RAM blocks.
EP1S30 and EP1S40 devices have four
M-RAM blocks. EP1S80 devices have
nine M-RAM blocks.
It is not possible to initialize M512 and
M4k RAM contents during power-up.
The contents of M512 and M4K RAM
blocks can be preloaded during
configuration with data specified in a
MIF.
The contents of memory output
registers are unknown after POR.
The contents of memory output
registers are initialized to ‘0’ after POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com