Electronic Components Datasheet Search
  English  ▼

X  

HC1S40 Datasheet(PDF) 39 Page - Altera Corporation

Part # HC1S40
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S40 Datasheet(HTML) 39 Page - Altera Corporation

Back Button HC1S40 Datasheet HTML 35Page - Altera Corporation HC1S40 Datasheet HTML 36Page - Altera Corporation HC1S40 Datasheet HTML 37Page - Altera Corporation HC1S40 Datasheet HTML 38Page - Altera Corporation HC1S40 Datasheet HTML 39Page - Altera Corporation HC1S40 Datasheet HTML 40Page - Altera Corporation HC1S40 Datasheet HTML 41Page - Altera Corporation HC1S40 Datasheet HTML 42Page - Altera Corporation HC1S40 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Altera Corporation
4–15
September 2008
Operating Conditions
Power
Consumption
Altera offers two ways to calculate power for a design, the Altera® web
power calculator and the power estimation feature in the Quartus® II
software.
The interactive power calculator on the Altera website is typically used
prior to designing the FPGA in order to get a magnitude estimate of the
device power. The Quartus II software power estimation feature allows
designers to apply test vectors against their design for more accurate
power consumption modeling.
In both cases, these calculations should only be used as an estimation of
power, not as a specification.
Timing Closure
The timing numbers in Tables 4–34 to 4–43 are only provided as an
indication of allowable timing for HardCopy Stratix devices. The
Quartus II software provides preliminary timing information for
HardCopy Stratix designs, which can be used as an estimation of the
device performance.
Table 4–32. Stratix Device Capacitance
Note (5)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
CIOTB
Input capacitance on I/O pins in I/O banks 3, 4, 7,
and 8.
11.5
pF
CIOLR
Input capacitance on I/O pins in I/O banks 1, 2, 5,
and 6, including high-speed differential receiver
and transmitter pins.
8.2
pF
CCLKTB
Input capacitance on top/bottom clock input pins:
CLK[4..7] and CLK[12..15].
11.5
pF
CCLKLR
Input capacitance on left/right clock inputs:
CLK1,
CLK3, CLK8, CLK10.
7.8
pF
CCLKLR+
Input capacitance on left/right clock inputs:
CLK0,
CLK2, CLK9, and CLK11.
4.4
pF
Notes to Tables 4–4 through 4–32:
(1)
Drive strength is programmable according to values in the Stratix Architecture chapter of the Stratix Device
Handbook.
(2)
When the
tx_outclock port of the altlvds_tx megafunction is 717 MHz, VOD(m in ) = 235 mV on the output
clock pin.
(3)
Pin pull-up resistance values will lower if an external source drives the pin higher than VCCIO.
(4)
VREF specifies the center point of the switching range.
(5)
Capacitance is sample-tested only. Capacitance is measured using time-domain reflections (TDR). Measurement
accuracy is within ±0.5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com