Electronic Components Datasheet Search
  English  ▼

X  

HC1S40 Datasheet(PDF) 13 Page - Altera Corporation

Part # HC1S40
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S40 Datasheet(HTML) 13 Page - Altera Corporation

Back Button HC1S40 Datasheet HTML 9Page - Altera Corporation HC1S40 Datasheet HTML 10Page - Altera Corporation HC1S40 Datasheet HTML 11Page - Altera Corporation HC1S40 Datasheet HTML 12Page - Altera Corporation HC1S40 Datasheet HTML 13Page - Altera Corporation HC1S40 Datasheet HTML 14Page - Altera Corporation HC1S40 Datasheet HTML 15Page - Altera Corporation HC1S40 Datasheet HTML 16Page - Altera Corporation HC1S40 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
Altera Corporation
2–7
September 2008
Description, Architecture, and Features
When designing with very tight timing constraints (for example, DDR or
quad data rate [QDR]), or if using the programmable drive strength
option, Altera recommends verifying final drive strength using updated
IBIS models located on the Altera website at www.altera.com.
Differential I/O standards are unaffected.
I/O pin placement and
VREF pin placement rules are identical between
HardCopy Stratix and Stratix devices. Unused pin settings will carry over
from Stratix device settings and are implemented as tri-stated outputs
driving ground or outputs driving VCC.
In Stratix EP1S40 780-pin FineLine BGA FPGAs, the I/O pins
U12 and
U18 are available as general-purpose I/O pins. In the FPGA prototype,
EP1S40F780_HARDCOPY_FPGA_PROTOTYPE, and in the Hardcopy
Stratix HC1S40 780-pin FineLine BGA device, the I/O pins
U12 and U18
must be connected to ground. HC1S40 780-pin FineLine BGA and
EP1S40F780_HARDCOPY_FPGA_PROTOTYPE pin-outs are identical.
Table 2–7 illustrates the differences between HardCopy Stratix and
Stratix I/O pins.
Power-Up
Modes in
HardCopy Stratix
Devices
Designers do not need to configure HardCopy Stratix devices, unlike
their FPGA counterparts. However, to facilitate seamless migration,
configuration can be emulated in HardCopy Stratix devices.
The modes in which a HardCopy Stratix device can be made ready for
operation after power-up are: instant on, instant on after 50 ms, and
configuration emulation. These modes are briefly described below.
Table 2–7. HardCopy Stratix and Stratix I/O Pin Comparison
HardCopy Stratix
Stratix
The IOEs are equivalent, but not
identical to, the FPGA IOEs due to
slight design optimizations for
HardCopy devices.
IOEs are optimized for the FPGA
architecture.
The I/O drive strength for single-ended
I/O pins are slightly different and are
found in the HardCopy Stratix IBIS
models.
The I/O drive strength for single-ended
I/O pins are found in Stratix IBIS
models.
In the HC1S40 780-pin FineLine BGA
device, the I/O pins
U12 and U18 must
be connected to ground.
In the EP1S40 780-pin FineLine BGA
device, the I/O pins
U12 and U18 are
available as general-purpose I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com