Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1768 Datasheet HTML 45Page - NXP Semiconductors LPC1768 Datasheet HTML 46Page - NXP Semiconductors LPC1768 Datasheet HTML 47Page - NXP Semiconductors LPC1768 Datasheet HTML 48Page - NXP Semiconductors LPC1768 Datasheet HTML 49Page - NXP Semiconductors LPC1768 Datasheet HTML 50Page - NXP Semiconductors LPC1768 Datasheet HTML 51Page - NXP Semiconductors LPC1768 Datasheet HTML 52Page - NXP Semiconductors LPC1768 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
LPC1768_66_65_64_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
49 of 72
NXP Semiconductors
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller
11.3 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
Table 11.
Dynamic characteristic: internal oscillators
Tamb = −40 °C to +85 °C; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency
-
<tbd>
<tbd>
<tbd>
MHz
fi(RTC)
RTC input frequency
-
<tbd>
<tbd>
<tbd>
MHz
Conditions: <tbd>.
Fig 15. Internal RC oscillator frequency vs. temperature
Conditions: <tbd>.
Fig 16. Internal RC oscillator frequency vs. core voltage
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com