Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC1768 Datasheet HTML 18Page - NXP Semiconductors LPC1768 Datasheet HTML 19Page - NXP Semiconductors LPC1768 Datasheet HTML 20Page - NXP Semiconductors LPC1768 Datasheet HTML 21Page - NXP Semiconductors LPC1768 Datasheet HTML 22Page - NXP Semiconductors LPC1768 Datasheet HTML 23Page - NXP Semiconductors LPC1768 Datasheet HTML 24Page - NXP Semiconductors LPC1768 Datasheet HTML 25Page - NXP Semiconductors LPC1768 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
LPC1768_66_65_64_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
22 of 72
NXP Semiconductors
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller
7.13.1 Features
• Two CAN controllers and buses.
• Data rates to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0B, ISO 11898-1.
• Global Acceptance Filter recognizes standard (11-bit) and extended-frame (29-bit)
receive identifiers for all CAN buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard Identifiers.
• FullCAN messages can generate interrupts.
7.14 12-bit ADC
The LPC1768/66/65/64 contain one ADC. It is a single 12-bit successive approximation
ADC with eight channels and DMA support.
7.14.1 Features
• 12-bit successive approximation ADC.
• Input multiplexing among 8 pins.
• Power-down mode.
• Measurement range VREFN to Vi(VREFP).
• 12-bit conversion rate: 1 MHz.
• Individual channels can be selected for conversion.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or Timer Match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
• DMA support.
7.15 10-bit DAC (LPC1768/66/65 only)
The DAC allows to generate a variable analog output. The maximum output value of the
DAC is Vi(VREFP).
7.15.1 Features
• 10-bit DAC
• Resistor string architecture
• Buffered output
• Power-down mode
• Selectable output drive
• Dedicated conversion timer
• DMA support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com