Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC1768 Datasheet HTML 25Page - NXP Semiconductors LPC1768 Datasheet HTML 26Page - NXP Semiconductors LPC1768 Datasheet HTML 27Page - NXP Semiconductors LPC1768 Datasheet HTML 28Page - NXP Semiconductors LPC1768 Datasheet HTML 29Page - NXP Semiconductors LPC1768 Datasheet HTML 30Page - NXP Semiconductors LPC1768 Datasheet HTML 31Page - NXP Semiconductors LPC1768 Datasheet HTML 32Page - NXP Semiconductors LPC1768 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
LPC1768_66_65_64_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
29 of 72
NXP Semiconductors
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller
7.28 RTC and backup registers
The RTC is a set of counters for measuring time when system power is on, and optionally
when it is off. The RTC on the LPC1768/66/65/64 is designed to have extremely low
power consumption, i.e. less than 1
µA. The RTC will typically run from the main chip
power supply, conserving battery power while the rest of the device is powered up. When
operating from a battery, the RTC will continue working down to 2.1 V. Battery power can
be provided from a standard 3 V Lithium button cell.
An ultra-low power 32 kHz oscillator will provide a 1 Hz clock to the time counting portion
of the RTC, moving most of the power consumption out of the time counting function.
The RTC includes a calibration mechanism to allow fine-tuning the count rate in a way that
will provide less than 1 second per day error when operated at a constant voltage and
temperature. A clock output function (see Section 7.29.4) makes measuring the oscillator
rate easy and accurate.
The RTC contains a small set of backup registers (64 bytes) for holding data while the
main part of the LPC1768/66/65/64 is powered off.
The RTC includes an alarm function that can wake up the LPC1768/66/65/64 from all
reduced power modes with a time resolution of 1 s.
7.28.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• Periodic interrupts can be generated from increments of any field of the time registers.
• Backup registers (64 bytes) powered by VBAT.
• RTC power supply is isolated from the rest of the chip.
7.29 Clocking and power control
7.29.1 Crystal oscillators
The LPC1768/66/65/64 include three independent oscillators. These are the main
oscillator, the IRC oscillator, and the RTC oscillator. Each oscillator can be used for more
than one purpose as required in a particular application. Any of the three clock sources
can be chosen by software to drive the main PLL and ultimately the CPU.
Following reset, the LPC1768/66/65/64 will operate from the Internal RC oscillator until
switched by software. This allows systems to operate without any external crystal and the
bootloader code to operate at a known frequency.
See Figure 4 for an overview of the LPC1768/66/65/64 clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com