Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC1768 Datasheet HTML 1Page - NXP Semiconductors LPC1768 Datasheet HTML 2Page - NXP Semiconductors LPC1768 Datasheet HTML 3Page - NXP Semiconductors LPC1768 Datasheet HTML 4Page - NXP Semiconductors LPC1768 Datasheet HTML 5Page - NXP Semiconductors LPC1768 Datasheet HTML 6Page - NXP Semiconductors LPC1768 Datasheet HTML 7Page - NXP Semiconductors LPC1768 Datasheet HTML 8Page - NXP Semiconductors LPC1768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
LPC1768_66_65_64_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
3 of 72
NXP Semiconductors
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller
N System tick timer, including an external clock input option.
N Repetitive interrupt timer provides programmable and repeating timed interrupts.
N Each peripheral has its own clock divider for further power savings.
I Standard JTAG test/debug interface for compatibility with existing tools. Serial Wire
Debug and Serial Wire Trace Port options.
I Emulation trace module enables non-intrusive, high-speed real-time tracing of
instruction execution.
I Integrated PMU (Power Management Unit) automatically adjusts internal regulators to
minimize power consumption during Sleep, Deep sleep, Power-down, and Deep
power-down modes.
I Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep power-down.
I Single 3.3 V power supply (2.4 V to 3.6 V).
I Four external interrupt inputs configurable as edge/level sensitive. All pins on PORT0
and PORT2 can be used as edge sensitive interrupt sources.
I Non-maskable Interrupt (NMI) input.
I Clock output function that can reflect the main oscillator clock, IRC clock, RTC clock,
CPU clock, and the USB clock.
I The Wakeup Interrupt Controller (WIC) allows the CPU to automatically wake up from
any priority interrupt that can occur while the clocks are stopped in deep sleep,
Power-down, and Deep power-down modes.
I Processor wake-up from Power-down mode via interrupts from various peripherals.
I Brownout detect with separate threshold for interrupt and forced reset.
I Power-On Reset (POR).
I Crystal oscillator with an operating range of 1 MHz to 25 MHz.
I 4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as a
system clock.
I PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
I USB PLL for added flexibility.
I Code Read Protection (CRP) with different security levels.
I Available as 100-pin LQFP package (14 × 14 × 1.4 mm).
3.
Applications
I eMetering
I Lighting
I Industrial networking
I Alarm systems
I White goods
I Motor control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com