Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1768 Datasheet HTML 1Page - NXP Semiconductors LPC1768 Datasheet HTML 2Page - NXP Semiconductors LPC1768 Datasheet HTML 3Page - NXP Semiconductors LPC1768 Datasheet HTML 4Page - NXP Semiconductors LPC1768 Datasheet HTML 5Page - NXP Semiconductors LPC1768 Datasheet HTML 6Page - NXP Semiconductors LPC1768 Datasheet HTML 7Page - NXP Semiconductors LPC1768 Datasheet HTML 8Page - NXP Semiconductors LPC1768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
1.
General description
The LPC1768/66/65/64 are ARM Cortex-M3 based microcontrollers for embedded
applications featuring a high level of integration and low power consumption. The ARM
Cortex-M3 is a next generation core that offers system enhancements such as enhanced
debug features and a higher level of support block integration.
The LPC1768/66/65/64 operate at CPU frequencies of up to 100 MHz. The ARM
Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals. The ARM
Cortex-M3 CPU also includes an internal prefetch unit that supports speculative
branching.
The peripheral complement of the LPC1768/66/65/64 includes up to 512 kB of flash
memory, up to 64 kB of data memory, Ethernet MAC, USB Device/Host/OTG interface,
8-channel general purpose DMA controller, 4 UARTs, 2 CAN channels, 2 SSP controllers,
SPI interface, 3 I2C-bus interfaces, 2-input plus 2-output I2S-bus interface, 8-channel
12-bit ADC, 10-bit DAC, motor control PWM, Quadrature Encoder interface, 4 general
purpose timers, 6-output general purpose PWM, ultra-low power Real-Time Clock (RTC)
with separate battery supply, and up to 70 general purpose I/O pins.
The LPC1768/66/65/64 are pin-compatible to the 100-pin LPC236x ARM7-based
microcontroller series.
2.
Features
I ARM Cortex-M3 processor, running at frequencies of up to 100 MHz. A Memory
Protection Unit (MPU) supporting eight regions is included.
I ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
I Up to 512 kB on-chip flash programming memory. Enhanced flash memory accelerator
enables high-speed 100 MHz operation with zero wait states.
I In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
I On-chip SRAM includes:
N 32/16 kB of SRAM on the CPU with local code/data bus for high-performance CPU
access.
N Two/one 16 kB SRAM blocks with separate access paths for higher throughput.
These SRAM blocks may be used for Ethernet (LPC1768/66/64 only), USB, and
DMA memory, as well as for general purpose CPU instruction and data storage.
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and
64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02 — 11 February 2009
Objective data sheet


Similar Part No. - LPC1768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1768 NXP-LPC1768 Datasheet
1Mb / 66P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1768 NXP-LPC1768 Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1768 NXP-LPC1768 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1768 NXP-LPC1768 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC1768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1758 PHILIPS-LPC1758 Datasheet
299Kb / 71P
32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com