Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 33Page - NXP Semiconductors LPC2157 Datasheet HTML 34Page - NXP Semiconductors LPC2157 Datasheet HTML 35Page - NXP Semiconductors LPC2157 Datasheet HTML 36Page - NXP Semiconductors LPC2157 Datasheet HTML 37Page - NXP Semiconductors LPC2157 Datasheet HTML 38Page - NXP Semiconductors LPC2157 Datasheet HTML 39Page - NXP Semiconductors LPC2157 Datasheet HTML 40Page - NXP Semiconductors LPC2157 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
37 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
Fig 8.
Suggested ADC interface - LPC2157/2158 ADx[y] pin
LPC2XXX
ADx[y]SAMPLE
ADx[y]
20 k
Ω
3 pF
5 pF
Rvsi
VSS
VEXT
002aad458



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com