Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 37Page - NXP Semiconductors LPC2157 Datasheet HTML 38Page - NXP Semiconductors LPC2157 Datasheet HTML 39Page - NXP Semiconductors LPC2157 Datasheet HTML 40Page - NXP Semiconductors LPC2157 Datasheet HTML 41Page - NXP Semiconductors LPC2157 Datasheet HTML 42Page - NXP Semiconductors LPC2157 Datasheet HTML 43Page - NXP Semiconductors LPC2157 Datasheet HTML 44Page - NXP Semiconductors LPC2157 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
41 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
11. Package outline
Fig 13. Package outline SOT407-1 (LQFP100)
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.6
0.15
0.05
1.45
1.35
0.25
0.27
0.17
0.20
0.09
14.1
13.9
0.5
16.25
15.75
1.15
0.85
7
0
o
o
0.08
0.08
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT407-1
136E20
MS-026
00-02-01
03-02-20
D(1)
(1)
(1)
14.1
13.9
HD
16.25
15.75
E
Z
1.15
0.85
D
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
25
c
D
H
b p
E
H
A2
v M B
D
ZD
A
Z E
e
v M A
X
1
100
76
75
51
50
26
y
pin 1 index
w M
w M
0
5
10 mm
scale
LQFP100: plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm
SOT407-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com