Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC2157 Datasheet HTML 1Page - NXP Semiconductors LPC2157 Datasheet HTML 2Page - NXP Semiconductors LPC2157 Datasheet HTML 3Page - NXP Semiconductors LPC2157 Datasheet HTML 4Page - NXP Semiconductors LPC2157 Datasheet HTML 5Page - NXP Semiconductors LPC2157 Datasheet HTML 6Page - NXP Semiconductors LPC2157 Datasheet HTML 7Page - NXP Semiconductors LPC2157 Datasheet HTML 8Page - NXP Semiconductors LPC2157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
5 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
5.2 Pin description
Fig 5.
Pin configuration for LPC2158
LPC2158FBD
75
51
1
25
002aad444
Table 2.
Pin description LPC2157
Symbol
Pin
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit.
Total of 31 pins of the Port 0 can be used as a general purpose bidirectional
digital I/Os while P0[31] is output only pin. The operation of port 0 pins
depends upon the pin function selected via the pin connect block.
Pin P0[24] is not available.
P0[0]/TXD0/
PWM1
7[1]
I/O
P0[0] — General purpose input/output digital pin (GPIO).
O
TXD0 — Transmitter output for UART0.
O
PWM1 — Pulse Width Modulator output 1.
P0[1]/RXD0/
PWM3/EINT0
9[2]
I/O
P0[1] — General purpose input/output digital pin (GPIO).
I
RXD0 — Receiver input for UART0.
O
PWM3 — Pulse Width Modulator output 3.
I
EINT0 — External interrupt 0 input.
P0[2]/SCL0/
CAP0[0]
10[3]
I/O
P0[2] — General purpose input/output digital pin (GPIO).
I/O
SCL0 — I2C0 clock input/output. Open-drain output (for I2C-bus compliance).
I
CAP0[0] — Capture input for Timer 0, channel 0.
P0[3]/SDA0/
MAT0[0]/EINT1
14[3]
I/O
P0[3] — General purpose input/output digital pin (GPIO).
I/O
SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus compliance).
O
MAT0[0] — Match output for Timer 0, channel 0.
I
EINT1 — External interrupt 1 input.
P0[4]/SCK0/
CAP0[1]/AD0[6]
15[4]
I/O
P0[4] — General purpose input/output digital pin (GPIO).
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master or input to slave.
I
CAP0[1] — Capture input for Timer 0, channel 1.
I
AD0[6] — ADC 0, input 6.
P0[5]/MISO0/
MAT0[1]/AD0[7]
17[4]
I/O
P0[5] — General purpose input/output digital pin (GPIO).
I/O
MISO0 — Master In Slave Out for SPI0. Data input to SPI master or data
output from SPI slave.
O
MAT0[1] — Match output for Timer 0, channel 1.
I
AD0[7] — ADC 0, input 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com