Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 29Page - NXP Semiconductors LPC2157 Datasheet HTML 30Page - NXP Semiconductors LPC2157 Datasheet HTML 31Page - NXP Semiconductors LPC2157 Datasheet HTML 32Page - NXP Semiconductors LPC2157 Datasheet HTML 33Page - NXP Semiconductors LPC2157 Datasheet HTML 34Page - NXP Semiconductors LPC2157 Datasheet HTML 35Page - NXP Semiconductors LPC2157 Datasheet HTML 36Page - NXP Semiconductors LPC2157 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
33 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
IDD(act)
active mode supply
current
VDD = 3.3 V; Tamb =25 °C;
code
while(1){}
executed from flash, no active
peripherals
CCLK = 10 MHz
-
1550mA
CCLK = 60 MHz
-
40
70
mA
VDD = 3.3 V; Tamb =25 °C;
code executed from flash; USB
enabled and active; all other
peripherals disabled
CCLK = 12 MHz
-
2770mA
CCLK = 60 MHz
-
57
90
mA
IDD(pd)
Power-down mode
supply current
VDD = 3.3 V; Tamb =25 °C
-
40
100
µA
VDD = 3.3 V; Tamb =85 °C
-
250
500
µA
IBATpd
Power-down mode
battery supply current
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C
VDD = 3.0 V; Vi(VBAT) = 2.5 V
[12] -15
30
µA
VDD = 3.0 V; Vi(VBAT) = 3.0 V
-
20
40
µA
IBATact
active mode battery
supply current
CCLK = 60 MHz;
PCLK = 15 MHz;
PCLK enabled to RTCK;
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C
VDD = 3.0 V; Vi(VBAT) = 3.0 V
[12] -78
-
µA
IBATact(opt)
optimized active mode
battery supply current
PCLK disabled to RTCK in the
PCONP register;
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C; Vi(VBAT) = 3.3 V
CCLK = 25 MHz
[12][13] -23
-
µA
CCLK = 60 MHz
-
30
-
µA
I2C-bus pins
VIH
HIGH-level input voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.5VDD
-V
VOL
LOW-level output
voltage
IOLS = 3 mA
[8] -
-
0.4
V
ILI
input leakage current
VI =VDD
[14] -2
4
µA
VI = 5 V
-
10
22
µA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0
-
1.8
V
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com