Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 27Page - NXP Semiconductors LPC2157 Datasheet HTML 28Page - NXP Semiconductors LPC2157 Datasheet HTML 29Page - NXP Semiconductors LPC2157 Datasheet HTML 30Page - NXP Semiconductors LPC2157 Datasheet HTML 31Page - NXP Semiconductors LPC2157 Datasheet HTML 32Page - NXP Semiconductors LPC2157 Datasheet HTML 33Page - NXP Semiconductors LPC2157 Datasheet HTML 34Page - NXP Semiconductors LPC2157 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
31 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
7.
Limiting values
[1]
The following applies to the Limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode.
[3]
Not to exceed 4.6 V.
[4]
The peak current is limited to 25 times the corresponding maximum current.
[5]
Dependent on package type.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and external rail)
−0.5
+3.6
V
VDDA
analog 3.3 V pad supply voltage
−0.5
+4.6
V
Vi(VBAT)
input voltage on pin VBAT
for the RTC
−0.5
+4.6
V
Vi(VREF)
input voltage on pin VREF
−0.5
+4.6
V
VIA
analog input voltage
on ADC related
pins
−0.5
+5.1
V
VI
input voltage
5 V tolerant I/O
pins; only valid
when the VDD
supply voltage is
present
[2]
−0.5
+6.0
V
other I/O pins
[2][3]
−0.5
VDD + 0.5
V
IDD
supply current
per supply pin
[4] -
100
mA
ISS
ground current
per ground pin
[4] -
100
mA
Tstg
storage temperature
[5]
−65
+150
°C
Ptot(pack)
total power dissipation (per package)
based on package
heat transfer, not
device power
consumption
-
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com