Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT8997 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 7Page - Texas Instruments SN74ACT8997 Datasheet HTML 8Page - Texas Instruments SN74ACT8997 Datasheet HTML 9Page - Texas Instruments SN74ACT8997 Datasheet HTML 10Page - Texas Instruments SN74ACT8997 Datasheet HTML 11Page - Texas Instruments SN74ACT8997 Datasheet HTML 12Page - Texas Instruments SN74ACT8997 Datasheet HTML 13Page - Texas Instruments SN74ACT8997 Datasheet HTML 14Page - Texas Instruments SN74ACT8997 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Bit 4 – Parity Mask
The signal IRERR can be masked from appearing on DCO even if bits 6 and 5 are set such that it is output in
the Pause-IR state (reset condition = do not mask IRERR).
Bit – DCO Drive Select
DCO can be configured as either an open-drain or 3-state output (reset condition = open drain). The open-drain
configuration allows multiple DCO outputs to be used in a wired-OR or wired-AND application. The 3-state
configuration allows the DCO output to be connected to a bus.
Bit 2 – DCO Enable
When
configured
as
a
3-state
output,
DCO
can
be
placed
in
the
high-impedance
state
(reset condition = disabled). If configured as an open-drain output and disabled, DCO outputs a high level.
Bit 1 – DCI Polarity Select
DCI can be configured as an active-low or active-high input (reset condition = active low).
Bit 0 – Device Test Pins Output Enable (active low)
DTCK, DTDO1–4, and DTMS1–4 pins can be placed in the high-impedance state (disabled) with this bit
(reset condition = not disabled). If DTDO1–4 pins are not disabled using this control bit, then their drive state
is dependent on the value of the select register (see Table 7).
Several CTLR bits affect the functionality of the DCO output. The DCO function table is given in Table 6. Figure 3
illustrates the order of scan for the CTLR.
Bit 9
(MSB)
TDI or DTDI
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
TDO
Figure 3. Control-Register Bits and Order of Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com