Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT8997 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 14Page - Texas Instruments SN74ACT8997 Datasheet HTML 15Page - Texas Instruments SN74ACT8997 Datasheet HTML 16Page - Texas Instruments SN74ACT8997 Datasheet HTML 17Page - Texas Instruments SN74ACT8997 Datasheet HTML 18Page - Texas Instruments SN74ACT8997 Datasheet HTML 19Page - Texas Instruments SN74ACT8997 Datasheet HTML 20Page - Texas Instruments SN74ACT8997 Datasheet HTML 21Page - Texas Instruments SN74ACT8997 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54ACT8997
SN74ACT8997
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High level output current
TDO, DTDO(1–4), MCO
–7
–10
mA
IOH
High-level output current
DTMS(1–4), DCO (3 state), DTCK
–11
–16
mA
TDO, DTDO(1–4), MCO
7
10
IOL
Low level output current
DCO (open drain or 3 state)
11
16
mA
IOL
Low-level output current
DTMS(1–4)
16
24
mA
DTCK
32
48
TA
Operating free-air temperature
–55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com