Electronic Components Datasheet Search
  English  ▼

X  

IMP5225 Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP5225
Description  18--Liine Pllug and Pllay SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5225 Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP5225 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2000 IMP, Inc.
Data Communications
5
Figure 4. Application Schematic
Application Information
TERM POWER
MSG
RST
ACK
DB (1)
DB (0)
5V
IMP5225
IMP5225
SCSI CABLE
PERIPHERAL
HOST
4.7
µF
5V
TERM POWER
MSG
RST
ACK
DB (1)
DB (0)
V
TERM
V
TERM
4.7
µF
5225_04.eps
IMP5
IMP511111/5
1/5111122
IMP5225
IMP5225



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com