Electronic Components Datasheet Search
  English  ▼

X  

IMP5225 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP5225
Description  18--Liine Pllug and Pllay SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5225 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP5225 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Application Information
Cable transmission theory suggests to optimize signal speed and
quality, the termination should act both as an ideal voltage refer-
ence when the line is released (deasserted) and as an ideal
current source when the line is active (asserted). Common active
terminators which consist of linear regulators in series with resis-
tors (typically 110
Ω) are a compromise. With coventional linear
terminators as the line voltage increases the amount of current
decreases linearly by the equation;
The IMP5225, with its unique new architecture, applies the max-
imum amount of current regardless of line voltage until the
termination high threshold (2.85V) is reached.
Acting as a near ideal line terminator, the IMP5225 closely repro-
duces the optimum case when the device is enabled. To enable
the device the DISC1 and DISC2 pins are pulled HIGH. During
this mode of operation, quiescent current is 10mA, and the
device will respond to line demands by delivering 24mA on
assertion and by imposing 2.85V on deassertion.
In order to disable the device, the DISC1 and DISC2 pins must be
driven LOW. In the disable mode, the device is in a sleep state
with quiescent current less than 150
µA. When disabled, all
outputs are in a high impedance state. Sleep mode can be used
for power conservation or to remove the terminator from the
SCSI chain.
An additional feature of the IMP5225 is its compatibility with
active negation drivers.
VV
R
I
REF
LINE
−
()
= .
1
T
C
E
N
N
O
C
S
I
D2
T
C
E
N
N
O
C
S
I
Ds
t
u
p
t
u
O
t
n
e
c
s
e
i
u
Q
m
u
m
i
x
a
M
t
n
e
r
r
u
C
HH
d
e
l
b
a
s
i
DA
m
5
1
HL
d
e
l
b
a
n
EA
m
5
1
LH
d
e
l
b
a
n
EA
m
5
1
LL
d
e
l
b
a
s
i
DA
µ
0
5
1
n
e
p
On
e
p
Od
e
l
b
a
s
i
DA
µ
0
5
1
s
p
e
.
4
0
t
_
5
2
2
5
Figure 3.
Table 1. Power Up/ Power Down Function Table
5225_03.eps
DISCONNECT 1
1 Meter, AWG 28
DISCONNECT 2
IMP5225
DISCONNECT 1
Receiver
Driver
DISCONNECT 2
IMP5225
Figure 1. Receiving Waveform – 20MHz
Figure 2. Driving Waveform – 20MHz
IMP5
IMP511111/5
1/5111122
IMP5225
IMP5225



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com