Electronic Components Datasheet Search
  English  ▼

X  

IMP5225 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP5225
Description  18--Liine Pllug and Pllay SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5225 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP5225 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Configuration
Ordering Information
Absolute Maximum Ratings1
10
T6
9
HEAT SINK / GND
8
GND
7
HEAT SINK / GND
6
T5
5
T4
4
T3
3
T2
2
T1
1
DISCONNECT 1
14
VTERM
13
T9
12
T8
11
T7
19 T13
20 HEAT SINK / GND
21 HEAT SINK / GND
22 HEAT SINK / GND
DWP Package
23 T14
24 T15
25 T16
26 T17
27 T18
28 DISCONNECT 2
15 NC
16 T10
17 T11
18 T12
5225_02.eps
IMP5225
SOWB-28
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
P
W
D
C
5
2
2
5
P
M
I0°
0
7
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
8
2
T
P
W
D
C
5
2
2
5
P
M
I0°
0
7
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
8
2
,
l
e
e
R
d
n
a
e
p
a
T
3
t
a
.
1
0
t
_
5
2
2
5
Thermal Data
TermPwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage
. . . . . . . . . . . . . . . . . . . . . 0V to +7V
Differential Voltage . . . . . . . . . . . . . . . . . . . . . 0V to 6.5V
Operating Junction Temperature
Plastic (DWP Package) . . . . . . . . . . . . . . . . 150
°C
Note:
1. Exceeding these ratings could cause damage to the device. All
voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . 300
°C
DWP Package:
Thermal Resistance Junction-to-Leads,
θJL . . . . . . . . 18°C/W
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 40°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the ambient airflow is assumed.
IMP5
IMP511111/5
1/5111122
IMP5225
IMP5225



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com