Electronic Components Datasheet Search
  English  ▼

X  

IMP5225 Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP5225
Description  18--Liine Pllug and Pllay SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5225 Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

  IMP5225 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5225 Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2000 IMP, Inc.
Printed in USA
Publication #: 7008
Revision:
C
Issue Date:
08/19/02
Type:
Preliminary
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
8
2
(
B
W
O
S
A8
9
6
.
03
1
7
.
00
7
.
7
10
1
.
8
1
B1
9
2
.
09
9
2
.
00
4
.
70
6
.
7
C3
9
0
.
04
0
1
.
05
3
.
25
6
.
2
D3
1
0
.
08
1
0
.
03
3
.
01
5
.
0
F6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
GC
S
B
0
5
0
.
0C
S
B
7
2
.
1
J9
0
0
.
03
1
0
.
03
2
.
02
3
.
0
K4
0
0
.
02
1
0
.
00
1
.
00
3
.
0
M
°
0
°
8
°
0
°
8
P4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
E
A
3
1
0
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
3
t
a
.
5
0
t
_
5
2
2
5
A
B
P
D
G
F
28
15
14
1
C
K
J
M
SEATING PLANE
28-Pin (SOWB)DWP.eps
Package Dimensions
SOWB (28-Pin)
IMP5225
IMP5225
1
IMP5225
IMP5225
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134-2071
Tel: 408-432-9100
Fax: 408-432-1085
e-mail: info@impinc.com
http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com