Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 9Page - Linear Technology LTC2209 Datasheet HTML 10Page - Linear Technology LTC2209 Datasheet HTML 11Page - Linear Technology LTC2209 Datasheet HTML 12Page - Linear Technology LTC2209 Datasheet HTML 13Page - Linear Technology LTC2209 Datasheet HTML 14Page - Linear Technology LTC2209 Datasheet HTML 15Page - Linear Technology LTC2209 Datasheet HTML 16Page - Linear Technology LTC2209 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2209
13
2209fa
SNR and SFDR vs Duty Cycle
Input Offset Voltage vs
Temperature, 5 Units
Full-Scale Settling After Wake-Up
from Shutdown or Starting Encode
Clock
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Full Scale vs
Temperature, Internal Reference,
5 Units
Mid-Scale Settling After Wake-Up
from Shutdown or Starting Encode
Clock
SFDR vs Analog Input Common
Mode Voltage, 5MHz and 70MHz,
–1dBFS, PGA = 0
DUTY CYCLE (%)
30
90
70
2209 G37
70
10
30
50
40
50
60
110
SNR DCS OFF
SNR DCS ON
SFDR DCS OFF
SFDR DCS ON
TEMPERATURE (°C)
–40
0.995
0.996
0.997
0.998
0.999
1.000
1.004
1.003
1.002
1.001
1.005
–20
0
20
40
2209 G38
60
80
TEMPERATURE (°C)
–3
–4
–5
–1
2
1
0
–2
5
4
3
2209 G39
–40
–20
0
20
40
60
80
ANALOG INPUT COMMON MODE VOLTAGE (V)
0.50
60
70
80
90
0.75
1.00
1.25
1.50
2209 G40
1.75
100
110
65
75
85
95
105
2.00
70MHz
5MHz
TIME AFTER WAKE-UP OR CLOCK START (μs)
0
0
0.4
500
2209 G41
–1.0
250
1.0
0.8
0.2
0.6
–0.4
–0.8
–0.2
–0.6
TIME FROM WAKE-UP OR CLOCK START (μs)
0
0
2
1000
2209 G42
–5
500
5
4
1
3
–2
–4
–1
–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com