Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 24Page - Linear Technology LTC2209 Datasheet HTML 25Page - Linear Technology LTC2209 Datasheet HTML 26Page - Linear Technology LTC2209 Datasheet HTML 27Page - Linear Technology LTC2209 Datasheet HTML 28Page - Linear Technology LTC2209 Datasheet HTML 29Page - Linear Technology LTC2209 Datasheet HTML 30Page - Linear Technology LTC2209 Datasheet HTML 31Page - Linear Technology LTC2209 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2209
32
2209fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0208 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC2202
16-Bit, 10MSPS ADC
150mW, 81.6dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2203
16-Bit, 25MSPS ADC
230mW, 81.6dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2204
16-Bit, 40Msps ADC
470mW, 79dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2205
16-Bit, 65Msps ADC
530mW, 79dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2206
16-Bit, 80Msps ADC
725mW, 77.9dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2207
16-Bit, 105Msps ADC
900mW, 77.9dB SNR, 100dB SFDR, 7mm × 7mm QFN Package
LTC2208
16-Bit, 130Msps ADC
1250mW, 77.7dB SNR, 100dB SFDR, 9mm × 9mm QFN Package
LTC2215
16-Bit, 65Msps Low Noise ADC
700mW, 81.5dB SNR, 100dB SFDR, 9mm × 9mm QFN Package
LTC2216
16-Bit, 80Msps Low Noise ADC
970mW, 81.3dB SNR, 100dB SFDR, 9mm × 9mm QFN Package
LTC2217
16-Bit, 105Msps Low Noise ADC
1190mW, 81.2dB SNR, 100dB SFDR, 9mm × 9mm QFN Package
LTC2220
12-Bit, 170Msps ADC
890mW, 67.5dB SNR, 9mm x 9mm QFN Package
LTC2220-1
12-Bit, 185Msps ADC
910mW, 67.5dB SNR, 9mm x 9mm QFN Package
LTC2249
14-Bit, 65Msps ADC
230mW, 73dB SNR, 5mm x 5mm QFN Package
LTC2250
10-Bit, 105Msps ADC
320mW, 61.6dB SNR, 5mm x 5mm QFN Package
LTC2251
10-Bit, 125Msps ADC
395mW, 61.6dB SNR, 5mm x 5mm QFN Package
LTC2252
12-Bit, 105Msps ADC
320mW, 70.2dB SNR, 5mm x 5mm QFN Package
LTC2253
12-Bit, 125Msps ADC
395mW, 70.2dB SNR, 5mm x 5mm QFN Package
LTC2254
14-Bit, 105Msps ADC
320mW, 72.5dB SNR, 5mm x 5mm QFN Package
LTC2255
14-Bit, 125Msps ADC
395mW, 72.4dB SNR, 5mm x 5mm QFN Package
LTC2299
Dual 14-Bit, 80Msps ADC
445mW, 73dB SNR, 9mm x 9mm QFN Package
LT5512
DC-3GHz High Signal Level Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
450MHz 1dB BW, 47dB OIP3, Digital Gain Control 10.5dB to 33dB in 1.5dB/Step
LT5522
600MHz to 2.7GHz High Linearity Downconverting
Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz, NF = 12.5dB, 50Ω Single-Ended
RF and LO Ports
LT5527
400mHz to 3.7GHz High Signal Level
Downconverting Mixer
High Input IP3 = 23.5dBm at 1900MHz Conversion Gain = 3.2dB at 1900MHz
LT5572
1.5GHz to 2.5GHz High Linearity Direct Quadrature
Modulator
High Output: –2.5dB Conversion Gain OIP3 = 21.6dBm at 2GHz
LTC6400
Low Noise, Low Distortion Differential ADC Driver
for 300MHz IF
1.8GHz-3dB Bandwidth, Fixed Gain Version up to 26dB, –94dBc IMD3 at 70MHz
LTC6401
Low Noise, Low Distortion Differential ADC Driver
for 140MHz IF
1.3GHz-3dB Bandwidth, Fixed Gain Version up to 26dB, –93dBc IMD3 at 70MHz
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com