Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 14Page - Linear Technology LTC2209 Datasheet HTML 15Page - Linear Technology LTC2209 Datasheet HTML 16Page - Linear Technology LTC2209 Datasheet HTML 17Page - Linear Technology LTC2209 Datasheet HTML 18Page - Linear Technology LTC2209 Datasheet HTML 19Page - Linear Technology LTC2209 Datasheet HTML 20Page - Linear Technology LTC2209 Datasheet HTML 21Page - Linear Technology LTC2209 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2209
18
2209fa
CONVERTER OPERATION
The LTC2209 is a CMOS pipelined multistep converter
with a front-end PGA. As shown in Figure 1, the converter
has five pipelined ADC stages; a sampled analog input
will result in a digitized value seven cycles later (see the
Timing Diagram section). The analog input is differential for
improved common mode noise immunity and to maximize
the input range. Additionally, the differential input drive
will reduce even order harmonics of the sample and hold
circuit. The encode input is also differential for improved
common mode noise immunity.
The LTC2209 has two phases of operation, determined
by the state of the differential ENC+/ENC– input pins. For
brevity, the text will refer to ENC+ greater than ENC– as
ENC high and ENC+ less than ENC– as ENC low.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage amplifier. In
operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the
DAC to produce a residue. The residue is amplified and
output by the residue amplifier. Successive stages oper-
ate out of phase so that when odd stages are outputting
their residue, the even stages are acquiring that residue
and vice versa.
When ENC is low, the analog input is sampled differentially
directly onto the input sample-and-hold capacitors, inside
the “input S/H” shown in the block diagram. At the instant
that ENC transitions from low to high, the voltage on the
sample capacitors is held. While ENC is high, the held
input voltage is buffered by the S/H amplifier which drives
the first pipelined ADC stage. The first stage acquires
the output of the S/H amplifier during the high phase of
ENC. When ENC goes back low, the first stage produces
its residue which is acquired by the second stage. At
the same time, the input S/H goes back to acquiring the
analog input. When ENC goes high, the second stage
produces its residue which is acquired by the third stage.
An identical process is repeated for the third and fourth
stages, resulting in a fourth stage residue that is sent to
the fifth stage for final evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally delayed such that
the results can be properly combined in the correction
logic before being sent to the output buffer.
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC2209 CMOS
differential sample and hold. The differential analog inputs
are sampled directly onto sampling capacitors (CSAMPLE)
through NMOS transistors. The capacitors shown attached
to each input (CPARASITIC) are the summation of all other
capacitance associated with each input.
During the sample phase when ENC is low, the NMOS
transistors connect the analog inputs to the sampling
capacitors and they charge to, and track the differential
input voltage. When ENC transitions from low to high, the
sampled input voltage is held on the sampling capacitors.
During the hold phase when ENC is high, the sampling
capacitors are disconnected from the input and the held
voltage is passed to the ADC core for processing. As ENC
transitions from high to low, the inputs are reconnected to
the sampling capacitors to acquire a new sample. Since
the sampling capacitors still hold the previous sample,
a charging glitch proportional to the change in voltage
between samples will be seen at this time. If the change
between the last sample and the new sample is small,
the charging glitch seen at the input will be small. If the
Figure 2. Equivalent Input Circuit
APPLICATIONS INFORMATION
CSAMPLE
4.6pF
VDD
VDD
LTC2209
AIN+
2209 F02
CSAMPLE
4.6pF
VDD
AIN–
ENC–
ENC+
1.6V
6k
1.6V
6k
CPARASITIC
1.8pF
CPARASITIC
1.8pF
RPARASITIC
3Ω
RPARASITIC
3Ω
RON
20Ω
RON
20Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com