Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 17Page - Linear Technology LTC2209 Datasheet HTML 18Page - Linear Technology LTC2209 Datasheet HTML 19Page - Linear Technology LTC2209 Datasheet HTML 20Page - Linear Technology LTC2209 Datasheet HTML 21Page - Linear Technology LTC2209 Datasheet HTML 22Page - Linear Technology LTC2209 Datasheet HTML 23Page - Linear Technology LTC2209 Datasheet HTML 24Page - Linear Technology LTC2209 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2209
21
2209fa
The internal programmable gain amplifier provides the
internal reference voltage for the ADC. This amplifier has
very stringent settling requirements and is not accessible
for external use.
The SENSE pin can be driven ±5% around the nominal 2.5V
or 1.25V external reference inputs. This adjustment range
can be used to trim the ADC gain error or other system
gain errors. When selecting the internal reference, the
SENSE pin should be tied to VDD as close to the converter
as possible. If the sense pin is driven externally it should
be bypassed to ground as close to the device as possible
with 1μF ceramic capacitor.
Figure 7. A 2.25V Range ADC with
an External 2.5V Reference
In applications where jitter is critical (high input frequen-
cies), take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude possible. If using trans-
former coupling, use a higher turns ratio to increase the
amplitude.
3. If the ADC is clocked with a fixed frequency sinusoidal
signal, filter the encode signal to reduce wideband
noise.
4. Balance the capacitance and series resistance at both
encode inputs such that any coupled noise will appear
at both inputs as common mode noise.
The encode inputs have a common mode range of 1.2V
to VDD. Each input may be driven from ground to VDD for
single-ended drive.
PGA Pin
The PGA pin selects between two gain settings for the ADC
front-end. PGA = 0 selects an input range of 2.25VP-P;
PGA = 1 selects an input range of 1.5VP-P. The 2.25V input
range has the best SNR; however, the distortion will be
higher for input frequencies above 100MHz. For applica-
tions with high input frequencies, the low input range will
have improved distortion; however, the SNR will be 1.8dB
worse. See the typical performance curves section.
Driving the Encode Inputs
The noise performance of the LTC2209 can depend on
the encode signal quality as much as for the analog input.
The encode inputs are intended to be driven differentially,
primarily for noise immunity from common mode noise
sources. Each input is biased through a 6k resistor to a
1.6V bias. The bias resistors set the DC operating point
for transformer coupled drive circuits and can set the logic
threshold for single-ended drive circuits.
Any noise present on the encode signal will result in ad-
ditional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
Figure 8a. Equivalent Encode Input Circuit
Figure 8b. Transformer Driven Encode
APPLICATIONS INFORMATION
VCM
SENSE
1.25V
3.3V
2.2μF
2.2μF
1μF
2209 F07
LTC2209
LTC1461-2.5
2
6
4
VDD
VDD
LTC2209
2209 F08a
VDD
ENC–
ENC+
1.6V
1.6V
6k
6k
TO INTERNAL
ADC CLOCK
DRIVERS
50Ω
100Ω
8.2pF
0.1μF
0.1μF
0.1μF
T1
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
5Ω
LTC2209
2209 F08b
ENC–
ENC+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com