Electronic Components Datasheet Search
  English  ▼

X  

AME4621 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME4621
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME4621 Datasheet HTML 1Page - Analog Microelectronics AME4621 Datasheet HTML 2Page - Analog Microelectronics AME4621 Datasheet HTML 3Page - Analog Microelectronics AME4621 Datasheet HTML 4Page - Analog Microelectronics AME4621 Datasheet HTML 5Page - Analog Microelectronics AME4621 Datasheet HTML 6Page - Analog Microelectronics AME4621 Datasheet HTML 7Page - Analog Microelectronics AME4621 Datasheet HTML 8Page - Analog Microelectronics AME4621 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AME
3
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
n Ordering Information
AME4621
x x x x x- x
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
Special Feature2
n Ordering Information
Note: yyww represents the date code.
* A line on top of the first letter represents lead free plating such as BFQww.
Pls consult AME sales office or authorized Rep./Distributor for the availability of package type.
Part Number
Marking*
Activity Mode
Package
Operating Ambient
Temperature Range
AME4621AEVBZ-3
BFQ
yyww
Break-Before-Make
DFN-10B
- 40
oC to +85oC
A: 1. GND
E: -40OC to +85OC
V: DFN
B: 10
Z: Lead free
3: 3x3x0.75(mm) (LxWxH)
(DFN-10B)
2. 1B1
3. 1S
4. IN
5. 2S
6. 2A
7. 2B1
8. 2B0
9. 1A
10. 1B0
Special Feature 2
(For DFN package only)
Special Feature1
Pin
Configuration
Operating Ambient
Temperature Range
Package
Type
Number
of
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com