Electronic Components Datasheet Search
  English  ▼

X  

AME4621 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME4621
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME4621 Datasheet HTML 1Page - Analog Microelectronics AME4621 Datasheet HTML 2Page - Analog Microelectronics AME4621 Datasheet HTML 3Page - Analog Microelectronics AME4621 Datasheet HTML 4Page - Analog Microelectronics AME4621 Datasheet HTML 5Page - Analog Microelectronics AME4621 Datasheet HTML 6Page - Analog Microelectronics AME4621 Datasheet HTML 7Page - Analog Microelectronics AME4621 Datasheet HTML 8Page - Analog Microelectronics AME4621 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME
4
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
Parameter
Maximum
Unit
VIN , 1S, 2S
6
V
1A, 2A, 1B0, 2B0, 1B1, 2B1
Note 1
V
Continuous Current
1A, 2A, 1B0, 2B0, 1B1, 2B1
300
mA
ESD Classification
B*
n Absolute Maximum Ratings
n Recommended Operating Conditions
Note1: Signals on 1A, 2A, 1B0, 2B0, 1B1, 2B1 can not exceed V
IN
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
n Thermal Information
* Measure
θ
JC on center of molding compound if IC has no tab.
O
** MIL-STD-202G 210F F
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
1S, 2S
V
VIN
V
1.8 to 5.5
CMOS, TTL Logic
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance*
(Junction to Case)
θ
JC
17
Thermal Resistance
(Junction to Ambient)
θ
JA
125
Internal Power Dissipation
PD
800
mW
Maximum Junction Temperature
150
oC
Solder Iron (10 Sec)**
350
oC
DFN-10B
oC / W
Conductive
Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com