Electronic Components Datasheet Search
  English  ▼

X  

AME4621 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME4621
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME4621 Datasheet HTML 4Page - Analog Microelectronics AME4621 Datasheet HTML 5Page - Analog Microelectronics AME4621 Datasheet HTML 6Page - Analog Microelectronics AME4621 Datasheet HTML 7Page - Analog Microelectronics AME4621 Datasheet HTML 8Page - Analog Microelectronics AME4621 Datasheet HTML 9Page - Analog Microelectronics AME4621 Datasheet HTML 10Page - Analog Microelectronics AME4621 Datasheet HTML 11Page - Analog Microelectronics AME4621 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME
8
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
Ron vs. Pin1A, 2A Voltage over Supply Voltage
Ron vs. Pin1A, 2A Voltage over Temperature
OFF Leakage vs. Temperature
Charge Injection vs. Pin1A, 2A Voltage
Logic Threshold Voltage vs. Supply Voltage
TURN-ON/OFF Times vs. Supply Voltage
4.5
3
2.5
0.5
0
1.5
2.0
Supply Voltage (V)
1.0
2.5
V
IN Falling
2
5.0
3.5
4
V
IN Rising
2
5
4
3
6
0
40
V
SUPPLY (V)
20
60
80
100
t
ON
t
OFF
-40
40
20
0
-20
60
0.2
0.0
0.4
Temperature (OC)
80
100
0.1
0.3
0
4
3
2
1
5
6
5
4
3
1
2
8
7
9
Pin1A, 2A (V)
+1.8V
+2.0V
+2.5V
+2.3V
+5.0V
Pin1A, 2A=100mA
+3.0V
0
4
3
2
1
5
0.75
0.50
0.25
1.00
1.25
Pin1A, 2A (V)
T
A=+105
0C
T
A=+85
0C
T
A=+25
0C
T
A=-40
0C
T
A=-55
0C
V
IN = 5V
Pin1A, 2A=100mA
0
4
2
6
60
20
0
80
100
Pin1A, 2A (V)
40
120
140
1
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com