Electronic Components Datasheet Search
  English  ▼

X  

AME4621 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME4621
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME4621 Datasheet HTML 4Page - Analog Microelectronics AME4621 Datasheet HTML 5Page - Analog Microelectronics AME4621 Datasheet HTML 6Page - Analog Microelectronics AME4621 Datasheet HTML 7Page - Analog Microelectronics AME4621 Datasheet HTML 8Page - Analog Microelectronics AME4621 Datasheet HTML 9Page - Analog Microelectronics AME4621 Datasheet HTML 10Page - Analog Microelectronics AME4621 Datasheet HTML 11Page - Analog Microelectronics AME4621 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AME
9
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
TURN-ON/OFF Times vs. Temperature
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
oC
Temperature (
)
t
ON
t
OFF
V
IN = 5V
V
1B0, 2B0 or V1B1, 2B1 = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com