Electronic Components Datasheet Search
  English  ▼

X  

AME4621 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME4621
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME4621 Datasheet HTML 1Page - Analog Microelectronics AME4621 Datasheet HTML 2Page - Analog Microelectronics AME4621 Datasheet HTML 3Page - Analog Microelectronics AME4621 Datasheet HTML 4Page - Analog Microelectronics AME4621 Datasheet HTML 5Page - Analog Microelectronics AME4621 Datasheet HTML 6Page - Analog Microelectronics AME4621 Datasheet HTML 7Page - Analog Microelectronics AME4621 Datasheet HTML 8Page - Analog Microelectronics AME4621 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AME
5
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
n Electrical Specifications
V
IN =+5V +/- 10%, GND = 0V, 1S H = 2S H = 2.4V, 1S L = 2S L = 0.8V, TA = -40
OC to +85OC, unless otherwise noted.
Typical values are at T
A = 25
OC.
Parameter
Symbol
Min
Typ
Max
Units
V
IN = 4.5V
T
A = 25
o C
1.0
I
1A , 2A = 100mA
TA = - 40
oC to +85oC
1.2
V
IN = 4.5V
I1A, 2A = 100mA
V1B1, 2B1 or V1B0, 2B0 = 3.5V
TA = - 40
oC to +85oC
0.15
VIN = 4.5V
I1A, 2A = 100mA
V1B1, 2B1 = 0V, 1V, 2V
V1B0, 2B0 = 0V, 1V, 2V
VIN = 5.5V
V
1A, 2A = 1V, 4.5V
V
1B0, 2B0 = 4.5V or 1V
V
1B1, 2B1 = 4.5V or 1V
Input Logic High
1SH, 2SH
2.4
Input Logic Low
1SL, 2SL
0.8
Input Current Logic High or Low
I1S, I2S
-1.0
1.0
µA
T
A = 25
o C
50
T
A = - 40
oC to +85oC
60
TA = 25
o C
50
TA = - 40
oC to +85oC
60
TA = 25
o C
1
20
TA = - 40
oC to +85oC
1
Power Supply Range
VIN
TA = - 40
oC to +85oC 1.8
5.5
V
VIN = 5.5V,
1S, 2S = 0V or VIN
∆Ron
On-Resistance Match
Flatness
R
FLATE
On-Resistance Match
between channels
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS
ns
tON
Turn-Off Time
tOFF
ns
Turn-On Time
Figure 1
V
µA
Switch Off-Leakage
Current
I1B1, 2B1(OFF)
I
1B0 , 2B0(OFF)
-0.1
0.05
0.1
DIGITAL I/O
Figure 1
TA = 25
o C
V
1S = V2S = VIN (0V)
T
A = 25
o C
V
IN = 5.5V
TA = - 40
oC to +85oC
Ω
Ω
Test Condition
0.15
0.12
0.2
TA = 25
o C
ANALOG SWITCH
RON
On-Resistance
Ω
Break-Before-Make Delay
tBBM
Figure 2
ns
V
IN Supply Current
I
IN
TA = - 40
oC to +85oC
0.2
TA = - 40
oC to +85oC -1.0
1.0
10.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com