Electronic Components Datasheet Search
  English  ▼

X  

SN75155 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 5 Page - Texas Instruments

  SN75155 Datasheet HTML 1Page - Texas Instruments SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = – 5 V, CL = 50 pF (unless otherwise noted)
driver section (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high level output
RL =3kΩ
250
480
ns
tPHL
Propagation delay time, high- to low level output
RL = 3 kΩ
80
150
ns
t
Output rise time
RL = 3 kΩ
67
180
ns
tr
Output rise time
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF
2.4
3
µs
tf
Output fall time
RL = 3 kΩ
48
160
ns
tf
Output fall time
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF
1.9
3
µs
receiver section (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high level output
RL = 400 Ω
175
245
ns
tPHL
Propagation delay time, high- to low level output
RL = 400 Ω
37
100
ns
tr
Output rise time
RL = 400 Ω
255
360
ns
tf
Output fall time
RL = 400 Ω
23
50
ns
† All typical values are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
+VC
RC
VIT, VI
VCC
CC
–VC
RC
–IOH
VOH
+IOL
VOL
Open
Unless
Otherwise
Specified
Response
Control
Figure 1. Receiver Section Test Circuit (VIT+, VIT–, VOH, VOL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com