Electronic Components Datasheet Search
  English  ▼

X  

SN75155 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments SN75155 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
VCC ± = ± 5 V
VCC ± = ± 9 V
VCC ± = ± 12 V
RL = 3 kΩ
TA = 25°C
8
6
4
2
0
–2
–4
–6
–8
1.8
1.6
1.4
1.2
–10
2
10
VI – Input Voltage – V
1
VOLTAGE TRANSFER CHARACTERISTICS
DRIVER
VCC
± = ± 5 V
VCC
± = ± 12 V
3-k
Ω
Load Line
–8
16
12
8
4
0
–4
16
12
8
4
0
–4
–12
20
20
VO – Output Voltage – V
–20
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
–12
–16
–20
VI = 0.8 V
VI = 2 V
TA = 25°C
–16
– 8
DRIVER
Figure 5
Figure 6
VI = L
IOS(H)
VO = 0
VCC – = – 12 V
VCC + = 12 V
IOS(L)
VI = H
10
5
0
–5
–10
60
50
40
30
20
10
–15
15
TA – Free-Air Temperature – _C
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
DRIVER
70
TA = 25°C
VCC – = – 12 V
VCC + = 12 V
Rise
400
100
40
10
4
1000
100
1
10000
1000
CL – Load Capacitance – pF
10
SLEW RATE
vs
LOAD CAPACITANCE
Fall
DRIVER
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com