Electronic Components Datasheet Search
  English  ▼

X  

SN75155 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 3 Page - Texas Instruments

  SN75155 Datasheet HTML 1Page - Texas Instruments SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
4.5
12
15
V
Supply voltage, VCC –
– 4.5
–12
–15
V
Output voltage, driver, VO(D)
±15
V
Input voltage, receiver, VI(R)
–25
25
V
High-level input voltage, driver, VIH
2
V
Low-level input voltage, driver, VIL
0.8
V
Response control current
±5.5
mA
Output current, receiver, IO(R)
24
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
total device
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC + = 5 V,
VCC – = – 5 V
VI(D) = 2V,
6.3
8.1
ICCH + High-level supply current
VCC + = 9 V,
VCC – = – 9 V
VI(D) = 2 V,
VI(R) = 2.3 V,
9.1
11.9
mA
VCC + = 12 V,
VCC – = – 12 V
()
Output open
10.4
14
VCC + = 5 V,
VCC – = – 5 V
VI(D) = 0.8 V,
2.5
3.4
ICCL +
Low-level supply current
VCC + = 9 V,
VCC – = – 9 V
VI(D) = 0.8 V,
VI(R) = 0.6 V,
3.7
5.1
mA
VCC + = 12V,
VCC – = – 12 V
()
Output open
4.1
5.6
ICC
Supply current
VCC + = 5 V,
VCC – = 0
VI(R) = 2.3 V,
4.8
6.4
mA
ICC +
Supply current
VCC + = 9 V,
VCC – = 0
I(R)
,
VI(D) = 0
6.7
9.1
mA
VCC + = 5 V,
VCC – = – 5 V
VI(D) = 2V,
– 2.4
– 3.1
ICCH –
High-level supply current
VCC + = 9 V,
VCC – = – 9 V
VI(D) = 2 V,
VI(R) = 2.3 V
– 3.9
– 4.9
mA
VCC + = 12 V,
VCC – = – 12 V
()
Output open
– 4.8
– 6.1
VCC + = 5 V,
VCC – = – 5 V
VI(D) = 0.8 V,
– 0.2
– 0.35
ICCL –
Low-level supply current
VCC + = 9 V,
VCC – = – 9 V
VI(D) 0.8 V,
VI(R) = 0.6 V,
O
– 0.25
– 0.4
mA
VCC + = 12 V,
VCC – = – 12 V
()
Output open
– 0.27
– 0.45
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com