Electronic Components Datasheet Search
  English  ▼

X  

SN75155 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 4 Page - Texas Instruments

  SN75155 Datasheet HTML 1Page - Texas Instruments SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC+ = 12 V,
VCC– = –12 V (unless otherwise noted)
driver section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC + = 5 V,
VCC – = – 5 V
3.2
3.7
VOH
High-level output voltage
VIL = 0.8 V, RL = 3 kΩ
VCC + = 9 V,
VCC – = – 9 V
6.5
7.2
V
VCC + = 12 V,
VCC – = – 12 V
8.9
9.8
Lll
t
t
lt
VCC + = 5 V,
VCC – = – 5 V
– 3.6
– 3.2
VOL
Low-level output voltage
(see Note 2)
VIH = 2 V,
RL = 3 kΩ
VCC + = 9 V,
VCC – = – 9 V
– 7.1
– 6.4
V
(see Note 2)
VCC + = 12 V,
VCC – = – 12 V
– 9.7
– 8.8
IIH
High-level input current
VI = 7 V
5
µA
IIL
Low-level input current
VI = 0
– 0.73
– 1.2
mA
IOS(H)
High-level short-circuit
VI =0 8V
VO =0
7
12
14 5
mA
IOS(H)
g
output current
VI = 0.8 V,
VO = 0
– 7
– 12
– 14.5
mA
IOS(L)
Low-level short-circuit
VI =2V
VO =0
65
11 5
15
mA
IOS(L)
output current
VI = 2 V,
VO = 0
6.5
11.5
15
mA
rO
Output resistance
VO = 2Vto2V
300
Ω
rO
with power off
VO = – 2 V to 2 V
300
Ω
receiver section (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshhold voltage
1.2
1.9
2.3
V
VIT –
Negative-going input threshhold
voltage
0.6
0.95
1.2
V
Vhys
Hystresis voltage (VIT + –VIT –)
0.6
V
VI = 0.6 V,
VCC + = 5 V,
VCC – = – 5 V
3.7
4.1
4.5
VO(H)
High level output voltage
I
,
IOH = 10 µA
VCC + = 12 V,
VCC – = – 12 V
4.4
4.7
5.2
V
VO(H)
High-level output voltage
VI = 0.6 V,
VCC + = 5 V,
VCC – = – 5 V
3.1
3.4
3.8
V
I
,
IOH = 0.4 mA
VCC + = 12 V,
VCC – = – 12 V
3.6
4
4.5
VO(L)
Low-level output voltage
VI = 2.3 V,
IOL = 24 mA
0.2
0.3
V
IIH
High level input current
VI = 2 5 V
3.6
6.7
10
mA
IIH
High-level input current
VI = 3 V
0.43
0.67
1
mA
IIL
Low level input current
VI = – 25 V
– 3.6
– 6.7
–10
mA
IIL
Low-level input current
VI = – 3 V
– 0.43
– 0.67
–1
mA
IOS
Short-circuit output current
VI = 0.6 V
– 2.8
– 3.7
mA
† All typical values are at TA = 25°C.
NOTE 2: The algebraic limit system, in which the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
voltage levels only (e.g., if – 8.8 V is the maximum, the typical value is a more negative value).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com