Electronic Components Datasheet Search
  English  ▼

X  

SN75155 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155
Description  LINE DRIVER AND RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75155 Datasheet HTML 2Page - Texas Instruments SN75155 Datasheet HTML 3Page - Texas Instruments SN75155 Datasheet HTML 4Page - Texas Instruments SN75155 Datasheet HTML 5Page - Texas Instruments SN75155 Datasheet HTML 6Page - Texas Instruments SN75155 Datasheet HTML 7Page - Texas Instruments SN75155 Datasheet HTML 8Page - Texas Instruments SN75155 Datasheet HTML 9Page - Texas Instruments SN75155 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
CL = 50 pF
(see Note A)
Output
RL = 3 kΩ
Input
VOLTAGE WAVEFORMS
VOL
VOH
0 V
3 V
Output
Input
10%
50%
10%
50%
tPLH
tPHL
1.5 V
90%
90%
tr
tf
See Note B
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. The input waveform is supplied by a generator with the following characteristics: ZO = 50 Ω, tw = 1 µs, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 2. Driver Section Switching Test Circuit and Voltage Waveforms
1.5 V
10%
5 V
RL = 400 Ω
CL = 50 pF
(see Note A)
VOLTAGE WAVEFORMS
TEST CIRCUIT
90%
VOL
VOH
0 V
4 V
tPLH
90%
tPHL
2 V
10%
1.5 V
tr
tf
Response
Control
Input
Output
Input
Output
See Note B
2 V
NOTES: A. CL includes probe and jig capacitance.
B. The input waveform is supplied by a generator with the following characteristics: ZO = 50 Ω, tw = 1 µs, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 3. Receiver Section Switching Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com