Electronic Components Datasheet Search
  English  ▼

X  

SN75186FN Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 4 Page - Texas Instruments

  SN75186FN Datasheet HTML 1Page - Texas Instruments SN75186FN Datasheet HTML 2Page - Texas Instruments SN75186FN Datasheet HTML 3Page - Texas Instruments SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC1 (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VEE
– 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver input voltage range, VI
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver input voltage range, VI
(VEE + 2 V) to VCC1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Loopback input voltage range, VI
0 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range, VO
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW package
260
°C
. . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to the network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DW
1350 mW
10.8 mW/
°C
864 mW
FN
1400 mW
11.2 mW/
°C
896 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1
10.8
12
13.2
V
Supply voltage, VCC2
4.5
5
5.5
V
Supply voltage, VEE
–10.8
–12
–13.2
V
Input voltage, VI
Driver and loopback
0
VCC2
V
Input voltage, VI (see Note 2)
Receiver
±30
V
High-level input voltage, VIH
Driver and loopback
2
V
Low-level input voltage, VIL
Driver and loopback
0.8
V
Output voltage powered on or off, VO
Driver
±30
V
High-level output current, IOH
Receiver
–4
mA
Low-level output current, IOL
Receiver
4
mA
Operating free-air temperature, TA
0
70
°C
NOTE 2: If all receiver inputs are held at
±30 V, the thermal dissipation limit of the package may be exceeded. The thermal shutdown may not
protect the device, as this dissipation occurs in the receiver input resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com