Electronic Components Datasheet Search
  English  ▼

X  

SN75186FN Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments SN75186FN Datasheet HTML 10Page - Texas Instruments SN75186FN Datasheet HTML 11Page - Texas Instruments SN75186FN Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B
Z
VCC1 VCC2
VEE
VI
–IOS(H)
IOS(L)
VCC2
Figure 4. Receiver Test Circuit, IOS(H), IOS(L)
B
Z
VCC1 VCC2
VEE
VOL
VOH
–IOH
IOL
VIT, VI
Figure 5. Receiver Test Circuit, VIT, VOL, VOH
VOLTAGE WAVEFORMS
TEST CIRCUIT
(see Note B)
L
C
Input
B
Z
VCC1 VCC2
VEE
–5 V
5 V
Output Z
Input B
10%
10%
90%
90%
tTLH
tTHL
tPLH
tPHL
VOH
VOL
Pulse
Generator
(see Note A)
50%
50%
50%
50%
NOTES: A. The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 6. Receiver Propagation and Transition Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com