Electronic Components Datasheet Search
  English  ▼

X  

SN75186FN Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 3 Page - Texas Instruments

  SN75186FN Datasheet HTML 1Page - Texas Instruments SN75186FN Datasheet HTML 2Page - Texas Instruments SN75186FN Datasheet HTML 3Page - Texas Instruments SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
GND
8 V
8 V
GND
8 V
Internal
1.4-V Ref to GND
EQUIVALENT DRIVER AND LOOPBACK INPUT
EQUIVALENT DRIVER OUTPUT
D1
Output
GND
VCC1
3 pF
8 V
8 V
EQUIVALENT RECEIVER OUTPUT
8 V
8 V
GND
EQUIVALENT RECEIVER INPUT
GND
45 V
45 V
B Input
ESD Protection
GND
VCC2
VEE
Z Output
100 k
Ω
1.2 x VBE
ESD Protection
ESD Protection
VCC1
VCC2
2 k
Ω
2 k
Ω
4 k
Ω
VEE
VCC1
ESD Protection
A Input
VEE
ESD Protection
ESD
Protection
30
Ω
5 k
Ω
30
Ω
VEE
All component values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com