Electronic Components Datasheet Search
  English  ▼

X  

SN75186FN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 1 Page - Texas Instruments

  SN75186FN Datasheet HTML 1Page - Texas Instruments SN75186FN Datasheet HTML 2Page - Texas Instruments SN75186FN Datasheet HTML 3Page - Texas Instruments SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA / TIA-232-E and ITU
Recommendation V.28
D Four Independent Drivers and Receivers
D Loopback Mode Functionally Self-Tests
Drivers and Receivers Without
Disconnection From Line
D Driver Slew Rate Limited to 30 V/µs Max
D Built-In Receiver 1-µs Noise Filter
D Internal Thermal Overload Protection
D EIA/TIA-232-E Inputs and Outputs
Withstand
±30 V
D Low Supply Current... 2.5 mA Typ
D ESD Protection Exceeds 4000 V Per
MIL-STD-833C Method 3015
description
The SN75186 is a low-power bipolar device
containing four driver/receiver pairs designed to
interface data terminal equipment (DTE) with data
circuit-terminating equipment (DCE). Additionally,
the SN75186 has a loopback mode that can be
used by a data communication system to perform
a functional self-test on each driver/receiver pair,
removing the need to locally disconnect cables
and install a loopback connector. Flexibility of
control is ensured by each driver/receiver pair
having its own loopback control input. The
SN75186 is designed to conform to standards
ANSI EIA/ TIA-232-E and ITU Recommendation
V.28.
The maximum slew rate is limited to 30 V/
µs at
the driver outputs, and the SN75186 drives a capacitive load of 2500 pF at 20 kBaud. The receivers have input
filters that disregard input noise pulses shorter than 1
µs. The SN75186 is a robust device capable of
withstanding
±30 V at driver outputs and at receiver inputs whether powered or unpowered. This device has
an internal ESD protection rated at 4 kV to prevent functional failures.
The SN75186 is characterized for operation from 0
°C to 70°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
1Y
1B
2Y
2B
3Y
3B
4Y
1LB
2A
2Z
2LB
3A
3Z
3LB
426
14 15 16 17 18
FN PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
3A
3Z
3LB
4A
4Z
4LB
VEE
GND
4B
4Y
3B
3Y
2LB
2Z
2A
1LB
1Z
1A
VCC2
VCC1
1Y
1B
2Y
2B
DW PACKAGE
(TOP VIEW)


Similar Part No. - SN75186FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75186FN TI1-SN75186FN Datasheet
243Kb / 15P
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75186FNR TI1-SN75186FNR Datasheet
243Kb / 15P
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
More results

Similar Description - SN75186FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
QUADRUPLE LINE RECEIVER
SN75LBC784 TI-SN75LBC784 Datasheet
89Kb / 7P
QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC786 TI-SN75LBC786 Datasheet
106Kb / 7P
QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
SN75154 TI1-SN75154_15 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
SN75186 TI1-SN75186_14 Datasheet
243Kb / 15P
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com