Electronic Components Datasheet Search
  English  ▼

X  

SN75186FN Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75186FN Datasheet HTML 3Page - Texas Instruments SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments SN75186FN Datasheet HTML 10Page - Texas Instruments SN75186FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over full recommended ranges of supply voltages and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
See Figure 5
1.3
2
2.5
V
VIT–
Negative-going input threshold voltage
See Figure 5
0.5
1
1.7
V
Vhys
Input hysteresis voltage (VIT+ – VIT–)
0.5
1
1.5
V
VOH
High level output voltage
VI = – 3 V or inputs open,
IOH = – 20 µA
3.5
V
VOH
High-level output voltage
IOH = – 4 mA,
See Note 7 and Figure 5
2.4
V
VOL
Low level output voltage
IOL = 4 mA,
VI = 3 V,
04
V
VOL
Low-level output voltage
OL
,
See Figure 5
I
,
0.4
V
IOS(H) Short-circuit output current at high level
VOH = 0,
See Figure 4
–20
–60
mA
IOS(L) Short-circuit output current at low level
VOL = VCC2,
See Figure 4
20
60
mA
ri
Input resistance
VI ≤ 25 V
3
k
Ω
ri
Input resistance
VI = 3 V to 25 V
7
k
Ω
† All typical values are at TA = 25°C.
NOTE 7: If the inputs are left unconnected, the receiver interprets this as a low input and the receiver outputs will remain in the high state.
switching characteristics over full recommended ranges of supply voltages and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 6
2
6
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 6
2
6
µs
tTLH
Transition time, low- to high-level output‡
CL =50 pF
See Figure 6
200
300
ns
tTHL
Transition time, high- to low-level output‡
CL = 50 pF,
See Figure 6
50
300
ns
tsk
 tPLH – tPHL 
0.1
1
µs
tw
Maximum pulse duration assumed to be noise§
Pulse amplitude = 5 V
1
2
4
µs
† All typical values are at TA = 25°C.
‡ Transition times are measured between 10% and 90% points on output waveform.
§ The receiver will ignore any positive- or negative-going pulse whose duration is less than the minimum value of tw and accept any positive- or
negative-going pulse whose duration is greater than the maximum value of tw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com