Electronic Components Datasheet Search
  English  ▼

X  

TC255 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC255
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255 Datasheet(HTML) 1 Page - Texas Instruments

  TC255 Datasheet HTML 1Page - Texas Instruments TC255 Datasheet HTML 2Page - Texas Instruments TC255 Datasheet HTML 3Page - Texas Instruments TC255 Datasheet HTML 4Page - Texas Instruments TC255 Datasheet HTML 5Page - Texas Instruments TC255 Datasheet HTML 6Page - Texas Instruments TC255 Datasheet HTML 7Page - Texas Instruments TC255 Datasheet HTML 8Page - Texas Instruments TC255 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
Copyright
© 1996, Texas Instruments Incorporated
2-1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Medium-Resolution, Solid-State Image
Sensor for Low-Cost B/W TV Applications
• 324(H) x 243(V) Active Elements in Image
Sensing Area
• 10-µm Square Pixels
• Fast Clear Capability
• Electronic Shutter Function From
1/60–1/50000 s
• Low Dark Current
• Electron-Hole Recombination Antiblooming
• Dynamic Range...66 dB Typical
• High Sensitivity
• High Blue Response
• 8-Pin Dual-In-Line Plastic Package
• 4-mm Image-Area Diagonal
• Solid-State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
• High Photoresponse Uniformity
description
The TC255P is a frame-transfer charge-coupled device (CCD) designed for use in B/W NTSC TV and special-
purpose applications where low cost and small size are desired.
The image-sensing area of the TC255P is configured in 243 lines with 336 elements in each line. Twelve
elements are provided in each line for dark reference. The blooming-protection feature of the sensor is based
on recombining excess charge with charge of opposite polarity in the substrate. This antiblooming is activated
by supplying clocking pulses to the antiblooming gate, which is an integral part of each image-sensing element.
The sensor can be operated in a noninterlace mode as a 324(H) by 243(V) sensor with low dark current. The
device can also be operated in an interlace mode, electronically displacing the image-sensing elements during
the charge integration in alternate fields, and effectively increasing the vertical resolution and minimizing
aliasing.
One important aspect of this image sensor is its high-speed image-transfer capability. This capability allows for
an electronic-shutter function comparable to interline-transfer and frame-interline-transfer sensors without the
loss of sensitivity and resolution inherent in those technologies.
The charge is converted to signal voltage with a 12-
µV per electron conversion factor by a high-performance
charge-detection structure with built-in automatic reset and a voltage-reference generator. The signal is
buffered by a low-noise two-stage source-follower amplifier to provide high output-drive capability.
The TC255P uses TI-proprietary virtual-phase technology, which provides devices with high blue response, low
dark signal, high photoresponse uniformity, and single-phase clocking. The TC255P is characterized for
operation from –10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
DUAL-IN-LINE PACKAGE
(TOP VIEW)
IAG2
ADB
SUB
OUT
ABG
IAG1
SAG
SRG
1
2
3
4
8
7
6
5
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TC255

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
TC255 SHUNYE-TC255 Datasheet
196Kb / 2P
5/16 TIN-CAN DIODES
logo
Cornell Dubilier Electr...
TC2550 CDE-TC2550 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Texas Instruments
TC255P TI1-TC255P Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC255PA TI1-TC255PA Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
More results

Similar Description - TC255

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC254P TI-TC254P Datasheet
246Kb / 16P
336- 횞 244-pixel ccd image sensor
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com