Electronic Components Datasheet Search
  English  ▼

X  

TC255 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC255
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC255 Datasheet HTML 5Page - Texas Instruments TC255 Datasheet HTML 6Page - Texas Instruments TC255 Datasheet HTML 7Page - Texas Instruments TC255 Datasheet HTML 8Page - Texas Instruments TC255 Datasheet HTML 9Page - Texas Instruments TC255 Datasheet HTML 10Page - Texas Instruments TC255 Datasheet HTML 11Page - Texas Instruments TC255 Datasheet HTML 12Page - Texas Instruments TC255 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
2-9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
Antiblooming disabled (see Note 3)
66
dB
Charge-conversion factor
11
12
13
µV/e
Charge-transfer efficiency (see Note 4)
0.9995
0.99999
Signal-response delay time,
τ (see Note 5)
20
ns
Gamma (see Note 6)
0.97
0.98
0.99
Output resistance
350
Ω
Noise-equivalent signal without correlated double sampling
62
electrons
Noise-equivalent signal with correlated double sampling (see Note 7)
31
electrons
ADB (see Note 8)
13
15
18
Rejection ratio
SRG (see Note 9)
50
dB
ABG (see Note 10)
40
Supply current
5
10
mA
IAG1, IAG2
1000
Input capacitance Ci
SRG
22
pF
Input capacitance, Ci
ABG
850
pF
SAG
2000
† All typical values are at TA = 25°C.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by saturation-output signal.
3. For this test, the antiblooming gate must be biased at the intermediate level.
4. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical-input signal.
5. Signal-response delay time is the time between the falling edge of the SRG pulse and the output-signal valid state.
6. Gamma (
γ) is the value of the exponent is the equation below for two points on the linear portion of the transfer-function curve (this
value represents points near saturation).
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
7. A three-level serial-gate clock is necessary to implement correlated double sampling.
8. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ADB (see Figure 11
for measured ADB rejection ratio as a function of frequency).
9. SRG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRG.
10. ABG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ABG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com