Electronic Components Datasheet Search
  English  ▼

X  

TC255 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC255
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC255 Datasheet HTML 6Page - Texas Instruments TC255 Datasheet HTML 7Page - Texas Instruments TC255 Datasheet HTML 8Page - Texas Instruments TC255 Datasheet HTML 9Page - Texas Instruments TC255 Datasheet HTML 10Page - Texas Instruments TC255 Datasheet HTML 11Page - Texas Instruments TC255 Datasheet HTML 12Page - Texas Instruments TC255 Datasheet HTML 13Page - Texas Instruments TC255 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
2-10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity
No IR filter
350
mV/lx
Sensitivity
With IR filter
45
mV/lx
Saturation signal, Vsat (see Note 11)
Antiblooming disabled, Interlace off
600
750
mV
Maximum usable signal, Vuse
Antiblooming enabled
200
250
mV
Blooming-overload ratio (see Note 12)
100
200
Image-area well capacity
50000
62500
electrons
Smear (see Notes 13 and 14)
0.00012
Dark current
Interlace disabled,
TA = 21°C
0.20
nA/cm2
Dark signal
200
µV
Pixel uniformity
Output signal = 60 mV
± 10 mV
15
mV
Column uniformity
Output signal = 60 mV
± 10 mV
0.5
mV
Shading
15
%
Electronic-shutter capability
1/15000
1/60
s
NOTES: 11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming-overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Smear is a measure of the error introduced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time to the exposure time using an illuminated section that is 1/10 of the image-area vertical
height with recommended clock frequencies.
14. The exposure time is 16.67 ms, the fast-dump clocking rate during vertical transfer is 12.5 MHz, and the illuminated section is 1/10
of the height of the image section.
timing requirements
MIN
NOM
MAX
UNIT
ABG
10
40
IAG1, IAG2 (fast clear)
10
10
tr
Rise time
IAG1, IAG2 (image transfer)
10
20
ns
SAG
10
20
SRG
10
40
ABG
10
40
IAG1, IAG2 (fast clear)
10
10
tf
Fall time
IAG1, IAG2 (image transfer)
10
20
ns
SAG
10
20
SRG
10
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com