Electronic Components Datasheet Search
  English  ▼

X  

TC255 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC255
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC255 Datasheet HTML 10Page - Texas Instruments TC255 Datasheet HTML 11Page - Texas Instruments TC255 Datasheet HTML 12Page - Texas Instruments TC255 Datasheet HTML 13Page - Texas Instruments TC255 Datasheet HTML 14Page - Texas Instruments TC255 Datasheet HTML 15Page - Texas Instruments TC255 Datasheet HTML 16Page - Texas Instruments TC255 Datasheet HTML 17Page - Texas Instruments TC255 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
2-17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC255P consists of a plastic base, a glass window, and an 8-lead frame. The glass window is
sealed to the package by an epoxy adhesive. The package leads are configured in a dual in-line organization and
fit into mounting holes with 2,54 mm (0.1 in) center-to-center spacings.
Package Center
10,05
9,95
9,00
8,90
10,05
9,95
9,00
8,90
5,19
4,93
4,20
3,93
0,64
1,27
3,50
2,54
0,46
0,30
0,50
0,80
0,70
2,67
2,53
0,27
0,23
10,16
Chip Surface
1,10
1,20
1,50
1,40
Optical
Center
6/96
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
TC255P (8 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com